Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 109 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 109 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 105Page - NXP Semiconductors RT600 Datasheet HTML 106Page - NXP Semiconductors RT600 Datasheet HTML 107Page - NXP Semiconductors RT600 Datasheet HTML 108Page - NXP Semiconductors RT600 Datasheet HTML 109Page - NXP Semiconductors RT600 Datasheet HTML 110Page - NXP Semiconductors RT600 Datasheet HTML 111Page - NXP Semiconductors RT600 Datasheet HTML 112Page - NXP Semiconductors RT600 Datasheet HTML 113Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
109 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
14.5 RTC oscillator
See Section 16.4 “RTC oscillator” for connecting the RTC oscillator to an external clock
source.
[1] Typical ratings are not guaranteed. The values listed are at room temperature (25 C), nominal supply
voltages.
[2] See Section 16.4
14.6 External Clock Input (CLKIN pin, MCLK pin)
[1] Typical ratings are not guaranteed. The values listed are at room temperature (25C), nominal supply
voltages.
14.7 Main/System and Audio PLLs
Table 37. Dynamic characteristic: RTC oscillator
Tamb = -20 C to +85C; 1.71 V to 3.6 V [1][2]
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
fi
input frequency
-
-
32.768
-
kHz
ESR
Equivalent series
resistance
-
-
50
100
kΩ
Table 38. Dynamic characteristic: CLKIN, MCLK pin
Tamb = -20C to +85C; 1.71 V to 3.6 V. [1]
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
fi
CLKIN frequency
-
-
-
50
MHz
fi
MCLK frequency
-
-
-
25
MHz
Table 39. Main/System and Audio PLLs electrical parameters
Parameter
Min
Typ
Max
Unit
Input reference frequency
5
-
26
MHz
PLL output frequency
80
-
572
MHz
Lock time
-
-
150
μs
Period jitter (p2p)
-
50
-
ps
PFD period jitter
-
100
-
ps
Duty cycle
45
-
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com