Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 114 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 110Page - NXP Semiconductors RT600 Datasheet HTML 111Page - NXP Semiconductors RT600 Datasheet HTML 112Page - NXP Semiconductors RT600 Datasheet HTML 113Page - NXP Semiconductors RT600 Datasheet HTML 114Page - NXP Semiconductors RT600 Datasheet HTML 115Page - NXP Semiconductors RT600 Datasheet HTML 116Page - NXP Semiconductors RT600 Datasheet HTML 117Page - NXP Semiconductors RT600 Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
114 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
14.10 USART interface
Excluding delays introduced by external device and PCB, the maximum supported bit rate
for USART master synchronous mode is 20 Mbit/s, and the maximum supported bit rate
for USART slave synchronous mode is 20.0 Mbit/s.
Excluding delays introduced by external device and PCB, the maximum bit rates of 6.25
Mbit/s in asynchronous mode.
The actual USART bit rate depends on the delays introduced by the external trace, the
external device, system clock (CCLK), and capacitive loading.
[1] Based on simulation; not tested in production.
Table 42. USART dynamic characteristics[1]
Tamb = 0 C to 85C; VDDIO_x = 1.71 V to 3.6 V; CL = 10, VDDCORE = 1.13 V pF balanced loading on all pins; Full Drive
Mode on all pins, Input slew = 1 ns, SLEW setting = standard mode for all pins; Parameters sampled at the 50 % level of the
rising or falling edge.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
USART master (in synchronous mode)
tsu(D)
data input set-up time
12.0
-
-
ns
th(D)
data input hold time
12.0
-
-
ns
tv(Q)
data output valid time
-5.0
-
10.0
ns
USART slave (in synchronous mode)
tsu(D)
data input set-up time
8.0
-
-
ns
th(D)
data input hold time
0
-
-
ns
tv(Q)
data output valid time
0
-
20.0
ns
Fig 13. USART timing
Un_SCLK (CLKPOL = 0)
TXD
RXD
Tcy(clk)
tsu(D) th(D)
tv(Q)
START
BIT0
tvQ)
Un_SCLK (CLKPOL = 1)
START
BIT0
BIT1
BIT1
aaa-015074



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com