Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 115 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 111Page - NXP Semiconductors RT600 Datasheet HTML 112Page - NXP Semiconductors RT600 Datasheet HTML 113Page - NXP Semiconductors RT600 Datasheet HTML 114Page - NXP Semiconductors RT600 Datasheet HTML 115Page - NXP Semiconductors RT600 Datasheet HTML 116Page - NXP Semiconductors RT600 Datasheet HTML 117Page - NXP Semiconductors RT600 Datasheet HTML 118Page - NXP Semiconductors RT600 Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
115 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
14.11 SPI interfaces (Flexcomm Interfaces 0-7)
The actual SPI bit rate depends on the delays introduced by the external trace, the
external device, system clock (CCLK), and capacitive loading.
Excluding delays introduced by external device and PCB, the maximum supported bit rate
for SPI master mode (transmit/receive) is 25 Mbit/s and the maximum supported bit rate
for SPI slave mode (transmit/receive) is 25 Mbit/s.
[1] Based on simulation; not tested in production.
Table 43. SPI dynamic characteristics[1]
Tamb = 0 C to 85C;VDDIO_x = 1.71 V to 3.6 V; CL = 10 pF balanced loading on all pins; Full Drive Mode on all pins, Input
slew = 1 ns, SLEW setting = standard mode for all pins;. Parameters sampled at the 50 % level of the rising or falling edge.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SPI master
tDS
data set-up time
5
-
-
ns
tDH
data hold time
0
-
-
ns
tv(Q)
data output valid time
0
-
13
ns
SPI slave
tDS
data set-up time
5
-
-
ns
tDH
data hold time
0
-
-
ns
tv(Q)
data output valid time
0
-
13
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com