Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 134 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 134 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 130Page - NXP Semiconductors RT600 Datasheet HTML 131Page - NXP Semiconductors RT600 Datasheet HTML 132Page - NXP Semiconductors RT600 Datasheet HTML 133Page - NXP Semiconductors RT600 Datasheet HTML 134Page - NXP Semiconductors RT600 Datasheet HTML 135Page - NXP Semiconductors RT600 Datasheet HTML 136Page - NXP Semiconductors RT600 Datasheet HTML 137Page - NXP Semiconductors RT600 Datasheet HTML 138Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
134 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
15.1.1 ADC input impedance
The total input impedance will depend on ADC sample rate and ADC input capacitance.
AC impedance can be estimated by using 1/(f* CADIN) where f=1/Tconv.
15.2 Temperature sensor
[1] Absolute temperature accuracy. Based on characterization. Not tested in production.
Fig 29. ADC input impedance diagram
Table 56. Temperature sensor static and dynamic characteristics
VDDA_BIAS = 3.3 V, All other supplies = 1.8 V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DTsen
sensor
temperature
accuracy
Tamb = 20 C to +70 C
[1] -
2.77
C
EL
linearity error
Tamb = 20 C to +70 C
[1] -
-
2.79
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com