Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 136 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 136 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 132Page - NXP Semiconductors RT600 Datasheet HTML 133Page - NXP Semiconductors RT600 Datasheet HTML 134Page - NXP Semiconductors RT600 Datasheet HTML 135Page - NXP Semiconductors RT600 Datasheet HTML 136Page - NXP Semiconductors RT600 Datasheet HTML 137Page - NXP Semiconductors RT600 Datasheet HTML 138Page - NXP Semiconductors RT600 Datasheet HTML 139Page - NXP Semiconductors RT600 Datasheet HTML 140Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
136 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
15.2.1 Comparator
[1] Characterized on typical samples, not tested in production.
[2] Input hysteresis is relative to the reference input channel and is software programmable.
[3] 100 mV overdrive corresponds to a square wave from 50 mV below the reference (VIC) to 50 mV above the reference.
Table 58. Comparator characteristics
Tamb = 20 C to +70 C unless noted otherwise; All supplies = 1.8 V.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
Static characteristics
Voffset
offset voltage
VIC = 0.1 V
-
6
-
mV
VIC = 0.9 V
-
7
-
mV
VIC = 1.7 V
-
9
-
mV
Dynamic characteristics
tPD
propagation delay (Low
speed mode)
HIGH to LOW; Tamb = 25
°C
VIC = 0.1 V; 100 mV overdrive input
-
2
-
us
VIC = 0.1 V; rail-to-rail input
-
915
-
ns
VIC = 0.9 V; 100 mV overdrive input
-
525
-
ns
VIC = 0.9 V; rail-to-rail input
-
600
-
ns
VIC = 1.7 V; 100 mV overdrive input
-
500
-
ns
VIC = 1.7 V; rail-to-rail input
-
350
-
ns
tPD
propagation delay (High
speed mode)
HIGH to LOW; Tamb = 25
°C
VIC = 0.1 V; 100 mV overdrive input [3]
-
270
-
ns
VIC = 0.1 V; rail-to-rail input
-
310
-
ns
VIC = 0.9 V; 100 mV overdrive input [3]
-
340
-
ns
VIC = 0.9 V; rail-to-rail input
-
210
-
ns
VIC = 1.7 V; 100 mV overdrive input [3]
-
150
-
ns
VIC = 1.7 V; rail-to-rail input
-
125
-
ns
tPD
propagation delay (Low
speed mode)
LOW to HIGH; Tamb = 25
°C
VIC = 0.1 V; 100 mV overdrive input [3]
-
5.8
-
us
VIC = 0.1 V; rail-to-rail input
-
470
-
ns
VIC = 0.9 V; 100 mV overdrive input [3]
-
750
-
ns
VIC = 0.9 V; rail-to-rail input
-
600
-
ns
VIC = 1.7 V; 100 mV overdrive input [3]
-
5.5
-
us
VIC = 1.7 V; rail-to-rail input
-
1.25
-
us
tPD
propagation delay (High
speed mode)
LOW to HIGH; Tamb = 25
°C
VIC = 0.1 V; 100 mV overdrive input [3]
-
105
-
ns
VIC = 0.1 V; rail-to-rail input
-
115
-
ns
VIC = 0.9 V; 100 mV overdrive input [3]
-
110
-
ns
VIC = 0.9 V; rail-to-rail input
-
120
-
ns
VIC = 1.7 V; 100 mV overdrive input [3]
-
110
-
ns
VIC = 1.7 V; rail-to-rail input
-
120
-
ns
Vhys
hysteresis voltage[2]
HYSTCRT[1:0] = 01
-
13
-
mV
HYSTCRT[1:0] = 10
-
27
-
mV
HYSTCRT[1:0] = 11
-
35
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com