Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 144 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 144 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 140Page - NXP Semiconductors RT600 Datasheet HTML 141Page - NXP Semiconductors RT600 Datasheet HTML 142Page - NXP Semiconductors RT600 Datasheet HTML 143Page - NXP Semiconductors RT600 Datasheet HTML 144Page - NXP Semiconductors RT600 Datasheet HTML 145Page - NXP Semiconductors RT600 Datasheet HTML 146Page - NXP Semiconductors RT600 Datasheet HTML 147Page - NXP Semiconductors RT600 Datasheet HTML 148Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
144 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
CSTRAY – stray capacitance between XTALIN and XTALOUT pins.
For example:
CL = 9pF
Cx = Cy = 2CL - CPad - 2CSTRAY
Cx = Cy = 2*9 - 3 - 0 = 15 pF
Although CSTRAY can be ignored in general, the actual board layout and placement of
external components influences the optimal values of external load capacitors. Therefore,
it is recommended to fine tune the values of external load capacitors on actual hardware
board to get the accurate clock frequency. For fine tuning, measure the clock on the
CLKOUT pin and optimize the values of external load capacitors for minimum frequency
deviation.
To use bypass mode on system oscillator, set bit 1 to ‘1’ in the system oscillator control 0
(CLKCTL0_SYSOSCCTL0), float the XTALOUT pin, and drive XTALIN with a 0.8 V to
1.8V square wave.
For oscillator high gain mode, a larger voltage swing is used at the crystal pin. This gives
a higher noise immunity within the oscillator and less edge to edge jitter of the internal
clock. If high gain mode is not required, power used by the crystal oscillator can be
reduced by using low power mode.
Remark: High gain mode requires a 1 megohm resistor (RF) to be inserted.
16.5.1 XTAL Printed Circuit Board (PCB) design guidelines
• Connect the crystal and external load capacitors on the PCB as close as possible to
the oscillator input and output pins of the chip.
• The length of traces in the oscillation circuit should be as short as possible and must
not cross other signal lines.
• Ensure that the load capacitors Cx and Cy have a common ground plane.
• Loops must be made as small as possible to minimize the noise coupled in through
the PCB and to keep the parasitics as small as possible.
• Lay out the ground (GND) pattern under crystal unit.
• Do not lay out other signal lines under crystal unit for multi-layered PCB.
16.6 Suggested USB interface solutions
The USB device can be connected to the USB as self-powered device (see Figure 37) or
bus-powered device (see Figure 38).
On the RT600, the USB_VBUS pin is 5 V tolerant pin regardless of whether
USB1_VDD3V3 or VDD pins are present or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com