Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 146 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 146 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 142Page - NXP Semiconductors RT600 Datasheet HTML 143Page - NXP Semiconductors RT600 Datasheet HTML 144Page - NXP Semiconductors RT600 Datasheet HTML 145Page - NXP Semiconductors RT600 Datasheet HTML 146Page - NXP Semiconductors RT600 Datasheet HTML 147Page - NXP Semiconductors RT600 Datasheet HTML 148Page - NXP Semiconductors RT600 Datasheet HTML 149Page - NXP Semiconductors RT600 Datasheet HTML 150Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
146 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
2. Wait for at least 600 us.
3. Perform boundary scan operations.
4. Once the boundary scan operations are completed, assert the TRST pin to enable the
SWD debug mode, and release the RESET pin (pull HIGH).
Remark: The JTAG interface cannot be used for debug purposes.
16.8 VDDA_BIAS Power Supply Connection
For Configuration 1 see Figure 39 and for Configuration 2 see Figure 40.
Fig 39. Configuration 1
Analog channels to ADC.
Input voltages must be
between 0 V and 3.3 V .
Use of ADC channel scaling
feature required for input
voltages greater than 1.8 V
3.3 V supply
Configuration 1
CHIP
3V GPIO
1.8V GPIO
1.8 V supply
Analog channels to ADC.
Input voltages must be
between 0 V and 1.8 V
VDDA_BIAS
VDDA_ADC1V8
ADC
Fig 40. Configuration 2
3.3 V supply
Configuration 2
CHIP
3V GPIO
1.8V GPIO
1.8 V supply
Analog channels to ADC.
Input voltages must be
between 0 V and 1.8 V
while selected by ADC
as a input channel,
INCLUDING CHANNELS
THROUGH 3 V GPIO.
VDDA_BIAS
ADC
VDDA_ADC1V8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com