Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 18 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 18 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 14Page - Winchester Electronics Corporation SLE Datasheet HTML 15Page - Winchester Electronics Corporation SLE Datasheet HTML 16Page - Winchester Electronics Corporation SLE Datasheet HTML 17Page - Winchester Electronics Corporation SLE Datasheet HTML 18Page - Winchester Electronics Corporation SLE Datasheet HTML 19Page - Winchester Electronics Corporation SLE Datasheet HTML 20Page - Winchester Electronics Corporation SLE Datasheet HTML 21Page - Winchester Electronics Corporation SLE Datasheet HTML 22Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 93 page
background image
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
Important Note When Ordering
Plug and Receptacle Shells
The shell part numbers given in the
table show an asterisk (*) where the
code letter for the desired polarizing
position belongs - example:
XMRE9-2*000 becomes XMRE9-
2B000 when polarization in position
“B” is desired. Specify the same
position on the mating shell.
For non-polarized shells, merely
omit this position, e.g. XMRE9-2000.
DIMENSIONS
Wt.
A
BCD
E
F
G
Oz.
XMRE 9-2*000
1.45 .52
.38 1.000 .88
.66
–
0.15
XMRE 14-2*000 1.39 .58
.45
.937 .81
.66
–
0.16
XMRE 18-2*000 1.45 .70
.58 1.000 .88
.66
–
0.17
XMRE 20-2*000 1.70 .58
.45 1.250 1.13 .66
–
0.19
XMRE 26-2*000 1.77 .70
.58 1.312 1.19 .66
–
0.23
XMRE 34-2*000
XMRE 34-4*000 2.14 .89
.75 1.687 1.44 .66
.234 0.25
XMRE 42-2*000
XMRE 42-4*000 2.45 .89
.75 2.000 1.75 .66
.234 0.28
XMRE 50-2*000
XMRE 50-4*000 2.86 1.02 .75 2.282 2.03 .66 .234 0.30
XMRA 66-2*000
XMRA 66-4*000 2.42 1.27 1.13 1.969 1.72 .66 .250 0.28
XMRE 75-2*000
XMRE 75-4*000 2.86 1.38 1.11 2.282 2.03 .66
–
0.32
XMRA 104-2*000
XMRA 104-4*000 2.91 1.69 1.48 2.375 2.13 .66 .437 0.30
Shell Part No.
(If ordered
separately)
TYPICAL SHELLS FOR
MONOJACKS STYLE No. 4000
Shells are .040 in. thick.
Shells are aluminum, anodized for
protection against corrosion. Either
shell style - plug or receptacle - may be
used to house the female insert, thus
allowing the “live” socket contacts to be
cable or panel mounted, as desired.
Shells also provide a means by which
connector polarization is accomplished
- the receptacle shell is slotted for
engaging a polarizing pin on the plug
shell. Any of seven positions (A, B, C,
D, E, F or G) may be specified for
polarization; non-polarized shells have
the slot and pin omitted.
For Connector Size A
B
C
34, 42, 50, 66, 75
.11 .120 .06R
104
.14 .150 .07R
For XAC 34, 42, 50, 66,
For XAC 75
Receptacle Shell
and 104 Configurations
Configuration
Style No. 2000
Shells are .040 in. thick.
.06R
.03R
.06R
.06R
ED
.14R
.120 Dia.
2 Holes
B
C
.14R
.120 Dia.
ED
.114
G
.06R
.500
.120 Dia.
6 Holes
G
ED
.384 R.
B
C
ED
ED
.06R
.06R
.120 Dia.
4 Holes
.150 Dia.
6 Holes
.875
G
.20 R.
.421 R.
..140 Dia.
4 Holes
B
C
.766
.383
.117
B
C
For All XAC
For XAC 9 to 26
For XAC 34, 42,
For XAC 66
For XAC 75
For XAC 104
Configurations
and 50
C Typ.
C Typ.
B Dia.
4 Corner
Holes
B Dia.
4 Corner
Holes
A
A
2 Slots
4 Slots
.06R
Mtg. Hole
Style 9
.28
.156 Typ.
.312 Typ.
Polarizing Slot
A
F
B
C
External Miniature Rectangular, Removable Contacts
XAC Series
Outline Shells- Receptacles
Dimensions Shells - Receptacles
RP /
18
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com