Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 65 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 65 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 61Page - Winchester Electronics Corporation SLE Datasheet HTML 62Page - Winchester Electronics Corporation SLE Datasheet HTML 63Page - Winchester Electronics Corporation SLE Datasheet HTML 64Page - Winchester Electronics Corporation SLE Datasheet HTML 65Page - Winchester Electronics Corporation SLE Datasheet HTML 66Page - Winchester Electronics Corporation SLE Datasheet HTML 67Page - Winchester Electronics Corporation SLE Datasheet HTML 68Page - Winchester Electronics Corporation SLE Datasheet HTML 69Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 93 page
background image
SRM Series connectors are particularly suitable
where current rating and voltage drop require-
ments dictate a larger wire size than can be
used with other subminiature connectors.
Current Rating: 7.5 Amps
No. of
Contacts:
5, 7, 11, 14, 20, 26, 34, 50,
75, 104
Pin Contacts: .040 dia. brass, gold plated.
Socket
Contacts:
Phosphor, bronze,
gold plated.
Termination
Types:
.048 dia. solder cups will
accept up to #20 AWG
stranded wire. Dip Solder
Contacts, .030 dia. Check
Sales Dept. for available
lengths.
Electrical Data: Minimum dielectric withstand-
ing voltage is one minute at
1500 VAC when tested in
accordance with MIL-C-28748.
Dielectric:
Glass-filled diallyl phthalate -
grey- per MIL-M-14, SDG-F.
Guides:
NSS Type, stainless steel; or
N Type, brass.
Jackscrews:
Stainless steel with knurled
and slotted aluminum knobs.
Hoods:
Anodized aluminum. May be
applied to either plug or
receptacle. Both top and side
openings are available.
Shells:
Polarized shells are available.
SRM connector assembled
with a shell changes part
number from SRM _ _ _ _ _ to
XSRM _____.
XSRM14PNSS1000
XSRM14PNSS2500
SRM14SNSS0000
XSRM26SM2000
SRM26SCO300
SRM26PF0000
SRM Series
Sub Miniature Rectangular #20 Contacts / .040" Dia. / 7.5 Amps
RP /
65
www.winconn.com
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com