Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 54 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 54 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 50Page - Winchester Electronics Corporation SLE Datasheet HTML 51Page - Winchester Electronics Corporation SLE Datasheet HTML 52Page - Winchester Electronics Corporation SLE Datasheet HTML 53Page - Winchester Electronics Corporation SLE Datasheet HTML 54Page - Winchester Electronics Corporation SLE Datasheet HTML 55Page - Winchester Electronics Corporation SLE Datasheet HTML 56Page - Winchester Electronics Corporation SLE Datasheet HTML 57Page - Winchester Electronics Corporation SLE Datasheet HTML 58Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 93 page
background image
SRE
.030 Diameter Contacts — 5 Amps
SLE
.025 Diameter Contacts —
3 Amps.
SME
.040 Diameter Contacts — 7.5 Amps
Current Rating:SLE - 3 amps: SRE - 5
amps; SME - 7.5 amps.
No. of
Contacts:
4, 5, 7, 9, 11, 14, 20, 26, 29,
34, 44, 50.
Pin Contacts: Brass, gold plated except for
SLE which is phosphor
bronze, gold plated.
Socket
Contacts:
Phosphor bronze, gold
plated.
Termination
Types:
.037 diameter solder cup will
accept up to #22 AWG
stranded wire. Solder cup
adaptor (Part No. S45) will
accept up to #20 AWG
stranded wire. Dip solder
terminations available for
SRE Series, .030 Dia.
Check Sales Department for
available lengths.
Military versions of SRE are
QPL’d to M28748/7 and
M28748/8.
Electrical Data:The dielectric withstanding
voltage is one minute
electrification at 1000 VAC.
Dielectric:
Green glass-filled diallyl
phthalate per MIL-M-14,
SDG-F.
Guides:
Type NSS stainless steel,
passivated or Type N Brass,
gold plated.
Jackscrews:
Stainless steel, passivated.
Aluminum knobs on the
jackscrews are equipped with
set screws, except JTU
jackscrews which have
stainless steel knobs
equipped with groove pins.
Hoods:
Anodized aluminum. May be
applied to either plug or
receptacle. Both top and side
openings are available
for use with either guides
or jackscrews.
suited for aircraft, instrumentation and
portable equipment applications.
Right angle, dip solder, pin or socket contacts
are available. Consult factory.
Within this series, you’ll find a standard size
connector for which you can select one of
three current ratings: 3, 5 or 7.5 amps.
Compact and lightweight, they are especially
SLE-SME-SRE Series
Sub Miniature / High Density Rectangular / .025" Dia. / 3 Amps .030" Dia. / 5
Amps / .040" Dia. / 7.5 Amps
Specifications
RP /
54
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com