Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 26 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 26 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 22Page - Winchester Electronics Corporation SLE Datasheet HTML 23Page - Winchester Electronics Corporation SLE Datasheet HTML 24Page - Winchester Electronics Corporation SLE Datasheet HTML 25Page - Winchester Electronics Corporation SLE Datasheet HTML 26Page - Winchester Electronics Corporation SLE Datasheet HTML 27Page - Winchester Electronics Corporation SLE Datasheet HTML 28Page - Winchester Electronics Corporation SLE Datasheet HTML 29Page - Winchester Electronics Corporation SLE Datasheet HTML 30Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 93 page
background image
9
14 20 34 41 42 50 50-8 66 75 104
.5
.5
.5
1.1 1.2 1.2 1.5 1.5 2.0 2.3 3.1
.4
.4
.4
.8
.9
.9
1.1 1.1 1.5 1.7 2.2
Dip Solder
For pin and socket contacts, .030 diameter
dip solder terminations, straight or right angle
for mounting to printed circuit board or for use
with flexible cable.
Solder Cup
For pin and socket contacts, .070 diameter
solder cup is the standard termination for
cable and panel mount applications. Wire
accommodation: up to #16 AWG stranded.
3 Types of Guide Sockets are Available
G Type
For General Use
Phosphor
Guide
Socket
Application
Actual
Code Letter
Size Photo
K Type For High
Electrical Conductivity
Beryllium Copper
The “K” guide socket is an excellent electrical conductor.
Its extra spring-tension provides a high normal force
uniformily distributed along the surface of the engaged
pilot guide, thus minimizing electrical resistance.
The multivolt drop across extreme ends of the engaged
pilot and socket guide is 10 mv. at 20 amps.
The “G” type socket is the standard guide supplied. It
has good physical strength and may be used electrically
in a low current circuit or as a contact for ground leads.
The high physical strength of the “N” guide socket allows
a greater degree of forcible tightening against a mounting
surface than is permitted by the other guide sockets.
This feature is particularly desirable for mounting
connectors which will be subject to severe vibration in
service. “N” guides are not to be used electrically.
N Type For extra
Mechanical Strength
Brass
Standard Guide
Pin mates with all types
Brass
G*
K*
N*
NUMBER OF CONTACTS
WEIGHT
IN OZ.
PLUG
RECEPTACLE
MRA-50-8 with 8, 20 amp solder cup
contacts and 50, 13 amp solder cup
contacts
CONTACTS
CURRENT
PIN
MAX. WIRE
SOLDER
RATING
DIAMETER
SIZE
CUP DIA
8
20 amps
.093
#12 AWG
.106 D
.50
13 amps
.062
#16 AWG
.070 D
* For passivated stainless steel add SS suffix
MRA Series
Termination Types
Guide Sockets
Physical Data
Special
RP /
26
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com