Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 44 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 44 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 40Page - Winchester Electronics Corporation SLE Datasheet HTML 41Page - Winchester Electronics Corporation SLE Datasheet HTML 42Page - Winchester Electronics Corporation SLE Datasheet HTML 43Page - Winchester Electronics Corporation SLE Datasheet HTML 44Page - Winchester Electronics Corporation SLE Datasheet HTML 45Page - Winchester Electronics Corporation SLE Datasheet HTML 46Page - Winchester Electronics Corporation SLE Datasheet HTML 47Page - Winchester Electronics Corporation SLE Datasheet HTML 48Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
Current Rating:XMRA - 13 amps
XMRE - 7.5 amps
No. of
Contacts:
XMRA - 9, 14, 20, 34, 42, 50,
50-8, 66, 75, 104
XMRE - 9, 14, 18, 20, 26, 34,
42, 50, 75, 104
Pin Contacts: XMRA - .062 diameter, gold
plated brass
XMRE - .040 diameter, gold
plated brass
Socket
Contacts:
Phosphor bronze plated gold.
Termination
Types:
XMRA - .070 dia. solder cup
will accept up to #16 AWG
stranded wire.
XMRE - .048 dia. solder cup
will accept up to #20 AWG
stranded wire.
Electrical Data: Both XMRE and XMRA meet
high potential performance
requirements of MIL-C-28748.
Military versions are QPL’d to
M28748/1 and M28748/2
(XMRA) and to M28748/5 and
M28748/6 (XMRE)
The minimum dielectric
withstanding voltage is one
minute electrification at 1000
VAC (sea level) for XMRA and
1200 VAC for XMRE Series.
Dielectric:
Brown mineral filled diallyl
phthalate. Also available in
gray glass filled diallyl
phthalate, per MIL-M-14,
SDG-F.
Polarization: A polarizing stud in the plug
shell and a mating slot in the
receptacle shell eliminates
misalignment. Jackscrews
and jacksockets or guide
pins and sockets are
alternative methods of
polarization.
Hoods:
Anodized Aluminum. May be
applied to both plug and
receptacles. Both top and
side opening hoods are
available.
The XMRE and XMRA Series connectors are
designed to provide a sturdy, space-saving,
lightweight electrical connection. Inserts are
housed in protective shells with screw lock
coupling plus wall and cable mounting
accessories available.
A typical Series “XMRE” Receptacle and Plug fully wired and potted.
XMRA & XMRE Series
XMRA & XMRE Series External Miniature Rectangular / #16 Contacts / .062" Dia. 13 Amps &
#20 Contacts / .040" Dia. / 7.5 Amps
Specifications
RP /
44
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com