Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 23 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 23 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 19Page - Winchester Electronics Corporation SLE Datasheet HTML 20Page - Winchester Electronics Corporation SLE Datasheet HTML 21Page - Winchester Electronics Corporation SLE Datasheet HTML 22Page - Winchester Electronics Corporation SLE Datasheet HTML 23Page - Winchester Electronics Corporation SLE Datasheet HTML 24Page - Winchester Electronics Corporation SLE Datasheet HTML 25Page - Winchester Electronics Corporation SLE Datasheet HTML 26Page - Winchester Electronics Corporation SLE Datasheet HTML 27Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
The TXAC Series was designed for external
installation specifically for the industrial/
commercial customer in high temperature,
rough service applications. This series
features the same military-type anodized
aluminum hoods, rugged polyester thermo-
TXAC34SF2A010
TXAC34PM1A000
TXAC34PC1A700
plastic insulators, screw-machine removable
contacts, guide and jack hardware, and
protective, anodized aluminum shells as the
XAC Series. These features make this Series
suitable for chassis mounting, bulkheads, or
any outside surface equipment.
Insulators:
Polyester thermoplastic,
green color. High potential
performance: withstanding
voltage is one minute
electrification at 2000 VAC
(sea level).
Insulation
Resistance:
500V
Thermal Shock: -55oF to +150oF
Hoods:
Anodized aluminum. May be
applied on plug or
receptable. Both top and side
opening hoods available.
Polarization: Gold Plated guides provide
positive polarization.
Polarized nickel-plated brass
and/or passivated stainless
Contact
Identification: Standard contact identification
is alphabetical.
Sizes:
.040" diameter and .062"
diameter contacts in 7.5-amp
and 13-amp current ratings.
Contact
Resistance:
@ 7.5 amps, 14 millivolts max.
@ 13 amps, 10 millivolts max.
Termination
Types:
Crimp, dip-solder, solder
removable in .040" and .062"
diameter. Wire Wrap tails and
stabilizing bushings for .025"
and .045" square.
Current Rating: 7.5 amps maximum for
.040" contacts.
13 amps maximum for
.062" contacts.
Recognized under the Component Program
of Underwriters Laboratories Inc. File No. E31650 ®
CSA Certified File No.
LR34182
®
steel with anodized aluminum
knobs are available.
7-position pin and slot
polarization on shells.
Number of
Contacts:
Eight size connectors: 9-, 14-,
18-, 20-, 26-, 34-, 42- and 50-
contact, available in either
.040" or .062" diameter.
Contacts:
Must be ordered separately.
Select from crimp, solder, dip
solder, shielded or Wire-
Wrap termination contacts.
See 100 Series contact
section.
Heavy Duty, Industrial and Commercial, External Mini Rectangular Rack & Panel Connectors
TXAC Series
RP /
23
www.winconn.com
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com