Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 5 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 5 Page - Winchester Electronics Corporation

  SLE Datasheet HTML 1Page - Winchester Electronics Corporation SLE Datasheet HTML 2Page - Winchester Electronics Corporation SLE Datasheet HTML 3Page - Winchester Electronics Corporation SLE Datasheet HTML 4Page - Winchester Electronics Corporation SLE Datasheet HTML 5Page - Winchester Electronics Corporation SLE Datasheet HTML 6Page - Winchester Electronics Corporation SLE Datasheet HTML 7Page - Winchester Electronics Corporation SLE Datasheet HTML 8Page - Winchester Electronics Corporation SLE Datasheet HTML 9Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
Mounting Note: Connectors MRAC 26, MRAC 20 and smaller, use guides for mounting in a hood or on a
panel. Connectors MRAC 34, MRAC 42, MRAC 50, MRAC 66, and MRAC 75 use four #4 machine screws, in
addition to guides, for mounting in a hood or on a panel. Guides are not recommended for use with MRAC
104. MRAC 104 uses four #6 machine screws for mounting.
*For numerical contact identification instead of alphabetical, order MNAC._______P or S available in sizes 34,
50 and 104. Example MNAC 34P. MRAC 66 and 75 have numerical contact identification as standard.
Drawings and corresponding part numbers show G type guide sockets except
for the MRAC104P and S which show JT hardware.
1.109
.31R
MRAC 75S-G
MRAC 75P-G
MRAC 104S-JT *
MRAC 104P-J
MRAC 50S-G
MRAC 50P-G
MRAC 66S-G
MRAC 66P-G
.47
.88
.75
.23
1.97
2.594
2.719
2.282
.73
.16R
Mounting
holes for
number 4
machine
screws
.86
.52
.27
4-40
UNC
2A THD
.14
.86
Slot
.038
Wide
.37
.09
.78
.37 .27
.50
1.125
.25
1.969
2.281
1.672
4-40
UNC
2A THD
.86
.27
.37
Slot
.038
Wide
.78
.37 .27
.52
.86
.80
.27
.37
.16
6-32
UNC
2A THD.
.52
.16
.16
.86
2.750
2.375
1.469
.38R
.88
.44
.37
.16
.038 Dia. holes
for safety wire
1.359
1.094
.16R
.86
.52
1.234
.77
.23
.97
.14
Slot
.038
Wide
.09
.78
.37
.27
.86
.37
.27
4-40
UNC
2A THD
1.109
2.719
2.282
2.594
1.531
8-32
UNC
2A
THD.
.075
Typ
.180 Typ
2.000
Mounting
holes for
number 4
machine
screws
.150
Typ
.180 Typ
Mounting
holes for
number 6
machine
screws
.075
Typ
.180 Typ
Mounting
holes for
number 4
machine
screws
.075
Typ
.180 Typ
Miniature Rectangular, Removable Contacts
MRAC Series
RP /
5
www.winconn.com
Outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com