Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 66 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 66 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 62Page - Winchester Electronics Corporation SLE Datasheet HTML 63Page - Winchester Electronics Corporation SLE Datasheet HTML 64Page - Winchester Electronics Corporation SLE Datasheet HTML 65Page - Winchester Electronics Corporation SLE Datasheet HTML 66Page - Winchester Electronics Corporation SLE Datasheet HTML 67Page - Winchester Electronics Corporation SLE Datasheet HTML 68Page - Winchester Electronics Corporation SLE Datasheet HTML 69Page - Winchester Electronics Corporation SLE Datasheet HTML 70Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 93 page
background image
SRM5P-NSS
SRM7S-NSS
SRM7P-NSS
SRM11P-NSS
.23
.06R
.531
.780
.125
.48
.20
SLOT
.025
WIDE
.133
.040
DIA.
2-56 UNC - 2A THD.
.55
.22
.22
.48
.55
.20
.23
.06R
.870
.123
.625
.870
.123
.625
.09R
.34
.34
.750
1.000
.125
1.000
1.25
.125
.34
.09R
.34
.125
.343
.172
.125
.09R
.50
.09R
.50
2.06
.125
.343
.172
.133
.040
DIA.
.36
2-56 UNC. 2A THD.
.67
.61
.36
SLOT
.025
WIDE
.19
.61
.19
.67
.172
.125
1.812
2.06
.09R
.72
.562
.218
.19
.61
.19
.67
SLOT
.025
WIDE
.133
.040
Dia.
.36
.67
.61
.36
.09R
.94
2.38
2.062
.159
.312
.625
6-32 UNC.
2A THD.
1.812
1.56
1.312
1.250
1.50
.063
Typ.
.108 Typ.
.063
Typ.
.048 Dia.
Solder
Cup
.108 Typ.
.063
Typ.
.108 Typ.
.063
Typ.
.108 Typ.
.108 Typ.
.108 Typ.
SRM14P-NSS SRM20P-NSS SRM26S-NSS SRM34P-NSS SRM50P-NSS
Mounting
holes for
No. 2 machine
screws (Typ.)
.108 Typ.
.108 Typ.
.063
Typ.
.063
Typ.
.063
Typ.
.09R
.09R
.063
Typ.
.063
Typ.
.048
Dia.
Solder
Cup
.048
Dia.
Solder
Cup
.063
Typ.
.108 Typ.
2-56 UNC.-
2A THD.
SRM75S-NSS
SRM75P-NSS
SRM104S-NSS SRM104P-NSS
*Center guides are .038 x .062
.108 Typ.
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
Mounting holes
for No. 2 machine
screws (Typ.)
SRM Series
RP /
66
www.winconn.com
Contact Arrangements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com