Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 34 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 34 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 30Page - Winchester Electronics Corporation SLE Datasheet HTML 31Page - Winchester Electronics Corporation SLE Datasheet HTML 32Page - Winchester Electronics Corporation SLE Datasheet HTML 33Page - Winchester Electronics Corporation SLE Datasheet HTML 34Page - Winchester Electronics Corporation SLE Datasheet HTML 35Page - Winchester Electronics Corporation SLE Datasheet HTML 36Page - Winchester Electronics Corporation SLE Datasheet HTML 37Page - Winchester Electronics Corporation SLE Datasheet HTML 38Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 93 page
background image
Receptacle MRE 14S-G
Plug MRE 14P-G
Hood MRE 14H
MRE Series plugs and receptacles are the
accepted standard for rectangular-shaped,
miniature, internal-type connectors. They
embody all of the features expected of true
miniaturization: maximum utility of space,
extremely lightweight and unusually high
working voltage and current ratings. Their
long life and trouble-free service continue to
make them highly popular for use in aircraft,
instrumentation and portable equipment.
The MRE and MRA series share the same
hoods, hardware and accessories.
Current Rating:7.5 amps
No. of
Contacts:
7, 8, 9, 11, 14, 18, 20, 21,
26, 34, 41, 42, 50, 75, 104
Pin Contacts: .040 dia., gold plated brass
Socket
Contacts:
Phosphor bronze plated gold.
Termination
Types:
.048 dia. solder cup is
standard. It will accept up to
#20 AWG stranded wire. Pin
and Socket Contacts
available with dip solder
terminations, .025 Dia.
Check Sales Dept. for
lengths available.
Electrical Data:Meets high potential
performance requirements of
MIL-C-28748. Military
versions are QPL’d to
M28748/5 and M28748/6.
The dielectric withstanding
voltage is one minute at 1200
volts.
Dielectric:
Brown mineral filled diallyl
phthalate. Also available in
gray glass filled diallyl
phthalate, per MIL-M-14,
SDG-F.
Polarization: Gold plated guides provide
positive polarization. Polarized
nickel-plated brass and/or
passivated stainless steel
jackscrews with anodized
aluminum knobs are
available.
Hoods:
Anodized aluminum. May be
applied to either plug or
receptacle. Both top and
side openings are available.
MRE Series
Miniature Rectangular / #20 Contacts / .040" Dia. / 7.5 Amps
Specification
RP /
34
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com