Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 58 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 58 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 54Page - Winchester Electronics Corporation SLE Datasheet HTML 55Page - Winchester Electronics Corporation SLE Datasheet HTML 56Page - Winchester Electronics Corporation SLE Datasheet HTML 57Page - Winchester Electronics Corporation SLE Datasheet HTML 58Page - Winchester Electronics Corporation SLE Datasheet HTML 59Page - Winchester Electronics Corporation SLE Datasheet HTML 60Page - Winchester Electronics Corporation SLE Datasheet HTML 61Page - Winchester Electronics Corporation SLE Datasheet HTML 62Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 93 page
background image
SREC 14SN
SREC 14PNH13
Tool 107-1012
The SREC series is the first family of
subminiature crimp contact rack and panel
connectors. While retaining all of the
important features of true connector miniatur-
ization, the SREC offers .030 diameter crimp
(4 indents) type removable contacts with .094
center to center spacing. Contacts are
precision machined to assure solid pin and
socket reliability. Compact and light in weight,
the SREC Series is especially suitable for
aircraft, instrumentation, computer and
portable equipment applications.
Current Rating: 5 amps
No. of
Contacts:
7, 11, 14, 18, 20, 26, 34,
44, 50
Pin Contacts: .030 dia. 4 indent crimp.
Leaded commercial bronze,
gold plated.
Socket
Contacts:
Phosphor bronze,
gold plated.
Termination
Types:
Crimp or .025 sq. wire wrap.
Crimp contacts will accom-
modate #20- #28 AWG
stranded wire.
Dielectric:
Glass-filled diallyl phthalate
per MIL-M-14, SDG-F.
Electrical Data: The dielectric withstanding
voltage is one minute
electrification at 1400 VAC.
Jackscrews: Long and short turning,
passivated stainless steel.
Anodized aluminum knurled
knobs equipped with set
screws for long turning
jackscrews. Stainless steel
knobs with groove pins for
short turning jackscrews.
Guides:
Type N is standard - brass for
extra mechanical strength.
Type K - beryllium copper for
high electrical conductivity.
Type NSS - stainless steel
Hoods:
Top opening hoods are
available in all sizes.
Side opening available for
SREC 50 only.
SREC Series
Sub Miniature Rectangular, Removable Contacts
Specifications
RP /
58
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com