Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 81 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 81 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 77Page - Winchester Electronics Corporation SLE Datasheet HTML 78Page - Winchester Electronics Corporation SLE Datasheet HTML 79Page - Winchester Electronics Corporation SLE Datasheet HTML 80Page - Winchester Electronics Corporation SLE Datasheet HTML 81Page - Winchester Electronics Corporation SLE Datasheet HTML 82Page - Winchester Electronics Corporation SLE Datasheet HTML 83Page - Winchester Electronics Corporation SLE Datasheet HTML 84Page - Winchester Electronics Corporation SLE Datasheet HTML 85Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 93 page
background image
■
Step 3
Secondary Contact
Code
If Step 2 equals
1P =
1S
1S =
1P
■
Step 4
Primary Contact Location
Code = A or B
■
Step 1
Series Code
JF
■
Step 2 **
Primary Contact and Molding Type
Code
Description
1S or 2S*
Number of socket contacts
and socket molding.
1P or 2P*
Number of pin contacts and
pin molding.
2SR*
Number of socket contacts
pin moldings.
2PR*
Number of pin contacts
socket moldings.
JF
2 Position In-Line Connector
JF4
4 Position In-Line Connectors
■
Step 3
Primary Contact Location
Code
Number Of
Primary Contacts
A, B, C or D
= 1
AB, AC, AD, BC, BD, or CD
= 2
ABC, ABD, ACD, or BCD
= 3
For four same type contacts: omit step
For four same type contacts with molding gender
reversed, add R
■
Step 1
Series Code
JF4
■
Step 2
**
Primary Contact and
Molding Type
Code
Description
S
Socket contact and
socket molding.
P
Pin contact and
pin molding.
Performance Characteristics
Dielectric
Withstanding
Voltage:
1500 VAC (at sea level)
Current Rating:
7.5 Amps
Operating
Temperature Range: -55OC to +125OC
Termination Type:
.050 dia. solder cup to accept
#
20 AWG stranded wire.
Materials
Moldings (PIN
and Socket): Diallyl Orthophthalate
Pin Contacts: .040 Brass, gold plated
Socket
Contacts:
Phosphor bronze,
gold plated
1S
1P
A
SAB
■
Step 3
Secondary Contact
Code
If Step 2 equals
3P =
1S
2P =
2S
1P =
3S
3S =
1P
2S =
2P
1S =
3P
■
Step 1
Series Code
JF
■
Step 2 **
Primary Contact and Molding Type
Code
Description
1S, 2S, 3S or 2S2S Number of socket contacts
and socket molding.
1P, 2P, 3P or 2P2P* Number of pin contacts and
pin molding.
2S2SR*
Number of socket contacts
and pin molding.
2P2PR
Number of pin contacts and
socket molding.
*For four same type contacts, skip Steps 3 & 4.
JF
4 Position Rectangular Connector
2S
2P
AB
■
Step 4
Primary Contact Location
Code
Number Of
Primary Contacts
A, B, C or D
= 1
AB, AC, AD, BC, BD, or CD
= 2
ABC, ABD, ACD, or BCD
= 3
**For Pictorial Presentation, see RP/79 and RP/80
*For two same type contacts, skip Steps 3 & 4.
JF Series
RP /
81
www.winconn.com
Ordering Information
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com