Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 29 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 29 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 25Page - Winchester Electronics Corporation SLE Datasheet HTML 26Page - Winchester Electronics Corporation SLE Datasheet HTML 27Page - Winchester Electronics Corporation SLE Datasheet HTML 28Page - Winchester Electronics Corporation SLE Datasheet HTML 29Page - Winchester Electronics Corporation SLE Datasheet HTML 30Page - Winchester Electronics Corporation SLE Datasheet HTML 31Page - Winchester Electronics Corporation SLE Datasheet HTML 32Page - Winchester Electronics Corporation SLE Datasheet HTML 33Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 93 page
background image
Jackscrew
Jacksocket
4-40 UNC 2 Thread
except size 104 which is
6-32 UNC 2
C
D
.78
.98 for
size 104
6-32 UNC 2 Thread
except size 104 which is
8-32 UNC2
.16
.16
Hood
E
Self Locking
Pin
Mono-
Jacksocket
F
.052 Dia. Safety Wire Hole
Mono-
Jackscrew
B
A
The drawings show the extension of the jack-
screw knobs beyond a typical MRA connector
and beyond the connector-and-hood assembly
(center drawings). Dimensions given are
constant for all connectors except as noted.
Other dimensions applicable to various hood
styles are detailed in the chart.
Polarized jackscrews give the ease and assur-
ance of threaded positive coupling. The actuating
side consists of two turnable screws, one male
and one female, each with knurled and slotted
knobs. On the mating half are the two fixed
screws required to complete the locking action.
When mated, the jackscrews may be locked with
a safety wire through the hole in the self-locking
pin (in the jackscrew shaft).
MOLDINGS HAVE STRAIGHT THRU HOLES
MONOJACKS ARE CAPTIVATED IN KEYHOLE
SLOT OF HOOD AS SHOWN ABOVE.
WHEN USING SHELLS, MONOJACKS ARE
CAPTIVATED IN KEYHOLE OF SHELL AND
CLEARANCE HOLES ARE PLACED IN HOODS.
Dimension E
Dimension F
H H1 H8 H9
H H1 H8 H9
Dimension A
Dimension B
H H1 H8 H9 H H1 H8 H9
MRA 9
– .59 .58 .59 –
–
–
–
.80
1.31
– 2.41 2.09 2.41 ––
–
–
MRA 14
– .59 .58 .59 –
–
–
–
.80
1.31
– 2.41 1.84 2.41
–
–
–
–
MRA 20
– .59 .58 .59 –
–
–
–
.80
1.31
– 2.41 1.84 2.41
–
–
–
–
MRA 34 .63 .63 .63 .63 .63 .63 .63 .63
.80
1.31 2.41 2.41 2.41 2.41 2.41 2.41 2.41 2.41
MRA 41 .63 .63 –
–
–
–
–
–
.80
1.31 2.41 2.41 –
–
–
–
–
–
MRA 42 .58 .58 .58 .58 .58 .58 .58 .58
.80
1.31 2.41 2.41 2.41 2.41 2.41 2.41 2.41 2.41
MRA 50 .58 .58 .58 .58 .58 .58 .58 .58
.80
1.31 2.41 2.41 2.41 2.41 2.41 2.41 2.41 2.41
MRA 50-8 .77 –
– .70 .50 –
– .50
.80
1.31 2.47 –
– 2.41 2.19
–
– 2.19
MRA 66 .77 –
– .70 .50 –
– .50
.80
1.31 2.47 –
– 2.41 2.19
–
– 2.19
MRA 75 .56 .56 .56 .56 .56 .56 .56 .56
.80
1.31 2.41 2.41 2.41 2.41 2.41 2.41 2.41 2.41
MRA 104 .67 –
– .67 .50 –
– .50
.80
1.52 3.42 –
– 3.42 3.25
–
– 3.25
Connec-
tor Size
Dimen
C
Dimen
D
New Monojacks Assemble and Disassemble With Remarkable Ease and Speed
To free the connector from the hood, simply
remove four screws. Monojacks may be used
on miniature rectangular connectors with from
34 to 104 contacts, molds have 2 center thru
holes and 4 mounting holes.
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
Connector with fixed Jackscrews.
Code designation: J
Mating connector half with turnable
Jackscrews-with-Knobs.
Code designation: JT
Mating connector half with Hood and
turnable Long Jackscrews-with
Knobs. Code designation: JTCH,
JTCH1
Mating connector half with Hood
and turnable Monojacks.
Code designation: JTDH, JTDH1
MRA Series
RP /
29
www.winconn.com
Jackscrews & Jacksockets
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com