Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 93 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 93 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 85Page - Winchester Electronics Corporation SLE Datasheet HTML 86Page - Winchester Electronics Corporation SLE Datasheet HTML 87Page - Winchester Electronics Corporation SLE Datasheet HTML 88Page - Winchester Electronics Corporation SLE Datasheet HTML 89Page - Winchester Electronics Corporation SLE Datasheet HTML 90Page - Winchester Electronics Corporation SLE Datasheet HTML 91Page - Winchester Electronics Corporation SLE Datasheet HTML 92Page - Winchester Electronics Corporation SLE Datasheet HTML 93Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 93 / 93 page
background image
Hex Wrench
This tool provides fast and easy installation of
guides and fixed jacks. This tool may be used
with the guide set tool.
Guide Set Tool
This tool provides fast and easy installation of G7 and N7 Guide Sets. Screwdriver type tips are
enclosed by cylindrical aligners that hold tips in place in the Guide pin and socket slots to prevent
slippage. Tool holds pin or socket in place while hex nut is tightened with hex wrench.
Catalog Number
107-0701
for MRE / MRA / MRAC G7 / N7 Guide
Catalog Number
107-0704
for MRE 5-3, 8 / SREC N Guide
Catalog Number
107-0703
for MRE / MRA / MRAC (hex size 3/16)
Catalog Number
107-0708
for MRE 5-3, 8 / SRE / SREC (hex size 5/32)
Removable Contact
Insertion Tools
Catalog Number
107-1011
for SREC
Catalog Number
107-1015
for MRAC / STD & Shielded
Catalog Number
107R1001
for MRAC / STD
Contact Pin Straightener
Catalog Number
107-1024
used on .040 or .062 dia.
Gage Plug
Catalog Number
5431
When ordering gage plugs,
please specify:
1. Tool
2. Contact Size
3. Wire Size
Removable Contact
Removal Tools
Catalog Number
107-1005
for MRAC / STD & Shielded
Catalog Number
107-1012
for SREC
Locators
Catalog
Used With
Number
Contact
Tool
107-0626
SREC
MRAC
107-0627
(Inner)
107-0625
Shielded
107-0628
MRAC
20, 22, 24, 26
107-0945
MRAC
MRAC
107-0902 &
107-43302
(Outer)
107-0903-2A
Shielded
Positioners
Catalog
Used With
Number
Contact
Tool
MRAC Pin
107-0981
and Socket
#14 & 16
MRAC Pin
107-0977
and Socket
107-0970
#16 & 18
MRAC Pin
107-0976
and Socket
#20, 22, 24, 26
107-43302
SREC #20
& 24
MRAC
107-43303
(Inner)
107-43300
Shielded
MRAC #20
107-43304
22, 24, 26
CRIMPING TOOLS
Spanner Wrench
Catalog Number
107-1102
for use with
107-0903-2A
Crimping Tool
Bench Mount For
Crimping Tool 107-0960
Catalog Number
107-0962
includes crimp depth blocks
Crimp Depth Blocks For Crimping
Tools 107-0960 and 107-0961
Catalog Numbers
107-0965 - #20,
107-0966 - #16, 107-0967 - #12
Catalog Number 107R1001
for MRAC / STD
107 Series
RP /
93
www.winconn.com
Crimping Tools



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com