Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 59 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 59 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 55Page - Winchester Electronics Corporation SLE Datasheet HTML 56Page - Winchester Electronics Corporation SLE Datasheet HTML 57Page - Winchester Electronics Corporation SLE Datasheet HTML 58Page - Winchester Electronics Corporation SLE Datasheet HTML 59Page - Winchester Electronics Corporation SLE Datasheet HTML 60Page - Winchester Electronics Corporation SLE Datasheet HTML 61Page - Winchester Electronics Corporation SLE Datasheet HTML 62Page - Winchester Electronics Corporation SLE Datasheet HTML 63Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 93 page
background image
SREC 7
SREC 14
SREC 20
SREC 26
SREC 34
SREC 50
Plug
.03
.05
.07
.08
.12
.15
Plug
.04
.06
.08
.09
.15
.20
Component Parts
Guide Pin
Guide Socket
L Washer (2)
Nut (2)
Weight in Ounces
.02
.02
.007
.01
Weight
in Ounces
(w/o contacts)
DIMENSION CHART
No. of Contacts
A
B
C
G
H
7
.20
.78
.56
1.67
.41
14
.28
.88
.63
1.67
.50
20
.28
1.06
.81
1.67
.69
26
.28
1.25 1.000 1.67
.88
34
.39
1.25 1.03
1.67
.88
50
.39
1.63 1.40
2.45 1.25
SREC 11, 18 and 44 outline drawings on request
Part No.
Contact
Wire Size
Dimensions
Current
Type
(Stranded)
ABCD
Rating
100-4024P
P (Male)
24-26-28
—
.56
.028
.055
100-4024S
S (Female)
24-26-28
.55
—
.028
.055
5 Amp
100-4020P
P (Male)
20-22
—
.50
.046
—
100-4020S
S (Female)
20-22
.48
—
.046
—
Polarizing Pin: Brass, Gold Plated, Part No. 109-8565
Dimensions are for reference only and are subject to change. Outline drawings on request.
A
.58
2-56 UNC
2A THD.
.22
C
B
H
.61
.23
.58
.13
.23
.44
3-48 UNC — 2A THD.
.032 Dia.
Hole
G
A
CB
.22
.58
.61
.23
2-56 UNC
2A THD.
Slot
.031 Wide
Slot
.020 Wide
.44
.23
.13
.58
.22
H
SREC-JTCH13
SREC-PJT
SREC-SJ
SREC-PN/K
SREC-SN/K
.047
Typ.
.090
Typ.
.081
Typ.
.047
Typ.
SREC Series
RP /
59
www.winconn.com
Outline
Dimensions
Physical Data
Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com