Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 38 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 38 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 34Page - Winchester Electronics Corporation SLE Datasheet HTML 35Page - Winchester Electronics Corporation SLE Datasheet HTML 36Page - Winchester Electronics Corporation SLE Datasheet HTML 37Page - Winchester Electronics Corporation SLE Datasheet HTML 38Page - Winchester Electronics Corporation SLE Datasheet HTML 39Page - Winchester Electronics Corporation SLE Datasheet HTML 40Page - Winchester Electronics Corporation SLE Datasheet HTML 41Page - Winchester Electronics Corporation SLE Datasheet HTML 42Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 93 page
background image
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
Receptacle
MRE 41S-N
Plug
MRE 41P-N
SLOT 0.38 WIDE
4-40 NC-2
THD.
.44
.06
.27 .37
.86
.37 .27
.78
SLOT 0.38 WIDE
4-40 NC-2
THD.
.23
.47
.09R
.16
.27 .37
.37 .27
Plug
MRE 42P-G
Receptacle
MRE 42S-G
Plug
MRE 50P-N
Receptacle
MRE 50S-N
Receptacle
MRE 75S-N
Plug
MRE 75P-N
SLOT 0.38 WIDE
4-40 NC-2
THD.
2.282
1.109
1.234
.77
.23
.86
.27 .37
.13
.094
.78
.37 .27
4-40 NC-2
THD.
SLOT 0.38 WIDE
.88
.16R
.23
.16R
.27
.09
.27
Receptacle
MRE 104S-JT
Plug
MRE 104P-J
062 DIA HOLE
FOR SAFETY WIRE
.44
.37
8-32
UNC
2A THD
6-32 UNC
2A THD
.27
.37
Receptacle
MRE 11S-G
Plug
MRE 11P-G
SLOT 0.38 WIDE
4-40 NC-2
THD.
.44
.37
.27
.37
.27
.09R
2.625
2.312
.75
2.313
2.000
.86
.78
.78
.37
2.281
2.594
2.719
.86
.781 1.094
1.531
.88
2.375
2.750
2.719
2.594
.13
.78
.78
.16
.75
.47
.86
.37
1.359
.16
.075
Typ.
.180 Typ.
MOUNTING
HOLES
FOR NO.4
MACHINE
SCREWS
.13R
.09R
.130 Typ.
.075
Typ.
.075
Typ.
MOUNTING
HOLES
FOR NO.4
MACHINE SCREWS
.180 Typ.
.075
Typ.
.16R
MOUNTING HOLES FOR
NO.4 MACHINE SCREWS
.180 Typ.
.075
Typ.
.13R
.130 Typ.
MOUNTING
HOLES FOR
NO.4 MACHINE
SCREWS
.075
Typ.
.180 Typ.
MRE Series
Outline
RP /
36
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com