Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 24 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 24 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 20Page - Winchester Electronics Corporation SLE Datasheet HTML 21Page - Winchester Electronics Corporation SLE Datasheet HTML 22Page - Winchester Electronics Corporation SLE Datasheet HTML 23Page - Winchester Electronics Corporation SLE Datasheet HTML 24Page - Winchester Electronics Corporation SLE Datasheet HTML 25Page - Winchester Electronics Corporation SLE Datasheet HTML 26Page - Winchester Electronics Corporation SLE Datasheet HTML 27Page - Winchester Electronics Corporation SLE Datasheet HTML 28Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 93 page
background image
TXAC
34
Omit steps not required
SD
3
00
4A
■
Step 1
Insert
Series
Code:
TXAC
■
Step 2
No. of
Contacts:
9, 14, 18, 20,
26, 34, 42,
and 50
See note 1
below.
■
Step 5
Shell Type:
**
0 No shell
**
1 Plug shell,
style 1*000.
**
2 Receptacle
shell, style
2*000.
**
3 Plug shell,
monojack type,
style 3*000.
**
4 Receptacle,
monojack type,
style 4*000.
**
7 Stainless Steel
Plug shell, style
7*000.
**
8 Stainless Steel
Receptacle shell,
style 8*000.
**
Polarizing Position
**
Request availability
**
information
■
Step 4
Jackscrews
(See bottom
chart)
■
Step 6
Polarization
Position:
A, B, C, D, E,
F or G.
Omit letter
when
polarization is
not required.
■
Step 7
(See
bottom
chart)
■
Step 9
Special Gaskets:
Omit letter when gaskets
are not required.
**
G- Bulkhead gasket, style
#0000G. Use only
when mounting plate is
specified.
**
F- Face gasket, style
#0000F. Use with male
insert only.
**
B- If both gasket #0000G
and gasket #0000F
are desired.
**
Check plant for availability
**
on all gaskets.
■
Step 8
Mounting Plate:
00- When no
mounting
plate is
required
*10- Mounting
plate, style
#0010.
*Mounting plates
are not used with
“M”, “C” or “D”
jackscrews.
■
Step 3
Pin or Socket
Contacts:
P - Pin
S - Socket
Formed Hoods:
0- No Hood.
3- Hood, top opening, style #0300, for use with Type “C”
or “D” jackscrews.
4- Hood, side opening, style #0400, for use with Type “C”
or “D” jackscrews.
5- Hood, top opening, style #0500J, for use with “F”
style jackscrews.
6- Hood, side opening, style #0600J, for use with “F”
style jackscrews.
Deep Drawn Hoods:
7- Hood, top opening, style #0700, for use with Type “C”
or “D” jackscrews.
8- Hood, side opening, style #0800, for use with Type “C”
or “D” jackscrews.
9- Hood, top opening, style #0900, for use with
“F” jackscrews.
2- Hood, side opening, style #0200, for use with
“F” jackscrews.
Note: Addition of “X” to code # indicates cable opening
larger than std. See hoods for cable opening size.
Example: TXAC20PC1A300 X
■
Step 7
Jackscrews and Jacksockets
*** M- Polarized short turnable jackscrew and
jacksocket. Cannot be used with hoods.
***
C- Polarized long turnable jackscrew and
jacksocket for use with hoods.
*** D- Polarized one-piece mono-jackscrew and
mono-jacksocket (no separate knob); to be
used with hoods on sizes: 34, 42, and 50.
***
F- Polarized fixed jackscrew and jacksocket
usable with or without hood (no knob required).
Sizes: 34, 42, and 50.
**
MW- Same as M but with knurled round knob with
internal hex.
** MU- Same as M but with knurled round knob with
screwdriver slot.
** MX- Same as M but with hex knob.
** CW- Same as C but with knurled round knob with
internal hex.
**
CU- Same as C but with knurled round knob with
screwdriver slot.
**
CX- Same as C but with hex knob.
**
CZ- Same as C but with prybar knob.
*** Request availability information
***
Material Nickel plated brass - standard
■
Step 4
All dimensions for TXAC housing are the same
as MRAC housings. All hoods, shells, hardware,
and accesories used on the TXAC Series are
the same as those used on the XAC Series.
See the XAC Series section for part numbers
and dimensions. Note the TXAC Series
maximum number of contacts is 50.
Note: 1. Contacts are ordered separately. See 100 Series contact section of Rack & Panel
TXAC Series
Ordering Infomation
Dimensions
RP /
24
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com