Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 57 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 57 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 53Page - Winchester Electronics Corporation SLE Datasheet HTML 54Page - Winchester Electronics Corporation SLE Datasheet HTML 55Page - Winchester Electronics Corporation SLE Datasheet HTML 56Page - Winchester Electronics Corporation SLE Datasheet HTML 57Page - Winchester Electronics Corporation SLE Datasheet HTML 58Page - Winchester Electronics Corporation SLE Datasheet HTML 59Page - Winchester Electronics Corporation SLE Datasheet HTML 60Page - Winchester Electronics Corporation SLE Datasheet HTML 61Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 93 page
background image
Hoods Formed Aluminum
AB
C
D
G
H
E
F
H8
SRE11H8
1.02
.72 .33
.78
–
.53
.28 .28
11
H8
SRE50H8
1.80 1.50 .45 1.63
–
.63 1.19 .38
50
H9
SRE11H9
–
.72 .33
.78 1.08
.53
.50 .22
11
H9
SRE50H9
–
1.50 .45 1.63 1.92
.63 1.19 .38
50
H13
SRE4&7H13 1.02 .75 .25
.78
–
.53
.22 .16
4 & 7
H13
SRE14H13
1.02
.75 .34
.88
–
.53
.25 .16
14
H13
SRE20H13
1.02
.75 .34 1.06
–
.53
.38 .25
20
H13
SRE26H13
1.02
.75 .34 1.25
–
.53
.41 .25
26
H13
SRE34H13
1.05
.75 .45 1.25
–
.63
.73 .38
34
5
9
H13
SRE29H13
1.02
.75 .34 1.34
–
.53
.41 .25
29
44
No. of
Con-
acts
■
Step 1
Insert Code Series:
SLE- .025 Dia.
Contact
SME- .040 Dia.
Contact
SRE- .030 Dia.
Contact
■
Step 2
Number of
Contacts:
4, 5, 7, 9, 11, 14,
20, 26, 29, 34, 44,
50
■
Step 3
Contact
Designation:
P- Pin
S- Socket
■
Step 7
For Special 2-56 thds
add -859 suffix on
Series SRE part
numbers
■
Step 5
Jackscrew Locks:
J-
Polarized Fixed
Screw & Socket
JT- Polarized Short
Turning Screw &
Socket
JTC- Polarized Long
Turning Screw &
Socket
JTU- Polarized Short
Turning Screw &
Socket with
Round Knob
Guides:
NSS- Stainless Steel
Cylindrical
Polarized Guides
N-
Gold Plated Brass
Polarized Guides
■
Step 6
Mounting:
H8- Large Top
Opening
H13- Large Top
Opening
(High)
H9- Large Side
Opening
*When ordering
hoods separately
use Catalog
Number in Chart
■
Step 4
Special Contacts:
This step to be used
only when a special
material, finish, or
style is required.
Omit when standard
contacts are used.
Consult sales
department for
proper designation.
Order Solder Cup
Adapter for #20
AWG Stranded wire.
Use Part No. S45.
Must be ordered
separately.
NOT AVAILABLE
NOT AVAILABLE
Cable
Opening
Dimensions are for reference only and are subject to change. Outline drawings on request.
Style H9 — Side Cable Opening
Style H8 / H13 — Top Cable Opening
H
D
G
C
B
.22
E x F
Cable Opening
D
C
F
E
H
A
B
.22
* Add “J” to hood part number when used with fixed jackscrews
Add “JTC” to hood part number when used with long turning jackscrews.
Hood Catalog
Number
Guides Only
*
Hood
Style
Dimensions
34
S
JTC
H13
SRE
SLE-SME-SRE Series
RP /
57
www.winconn.com
Outline
Dimensions
Ordering Infomation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com