Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 51 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 51 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 47Page - Winchester Electronics Corporation SLE Datasheet HTML 48Page - Winchester Electronics Corporation SLE Datasheet HTML 49Page - Winchester Electronics Corporation SLE Datasheet HTML 50Page - Winchester Electronics Corporation SLE Datasheet HTML 51Page - Winchester Electronics Corporation SLE Datasheet HTML 52Page - Winchester Electronics Corporation SLE Datasheet HTML 53Page - Winchester Electronics Corporation SLE Datasheet HTML 54Page - Winchester Electronics Corporation SLE Datasheet HTML 55Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 93 page
background image
Dimensions are for reference only and are subject to change. Outline drawings on request.
Shell Part No.
(if ordered
separately)
Typical Shells
For Monojacks
For Connector Size A
B
C
34, 42, 50, 50-8, 66, 75 .11
.120 .06R
104
.14
.150 .07R
Dimensions
Wt.
A
B
C
D
E
F
G
Oz.
XMRE 9-1*000
1.44
.5
.38 1.000 .88
.63
–
0.14
XMRE 14-1*000 1.38 .56
.45
.937 .81
.63
–
0.15
XMRE 18-1*000 1.44 .69
.58 1.000 .88
.63
–
0.16
XMRE 20-1*000 1.69 .56
.45 1.250 1.13 .63
–
0.18
XMRE 26-1*000 1.75 .69
.58 1.312 1.19 .63
–
0.22
XMRE 34-1*000
XMRE 34-3*000 2.13 .88
.75 1.687 1.44 .66 .234 0.24
XMRE 42-1*000
XMRE 42-3*000 2.44 .88
.75 2.000 1.75 .66 .234 0.26
XMRE 50-1*000
XMRE 50-3*000 2.84
1
.75 2.282 2.03 .66 .234 0.28
XMRA 66-1*000
XMRA 66-3*000 2.41 1.25 1.13 1.969 1.72 .66 .250 0.28
XMRA 50-8-1*000
XMRA 50-8-3*000
XMRE 75-1*000
XMRE 75-3*000 2.84 1.36 1.11 2.282 2.03 .66
–
0.30
XMRA 104-1*000
XMRA 104-3*000 2.88 1.66 1.48 2.375 2.13 .66 .437 0.30
Plug Shell
Style Number 1000
For 75
Configuration
A
4 Slots
2 Slots
A
C Type
B Dia.
4 Corner
Holes
C Type
B Dia.
4 Corner
Holes
For 34, 42, 50, 50-8, 66
and 104 Configuration
Shells are .040 in. thick.
For All Config.
For 9 to 26
For 34, 42, and 50
For 66 and 50-8
For 75
For 104
.06R
B
C
D E
.150 Dia.
6 Holes
G
.875
.421R
D E
.06R
.120 Dia.
4 Holes
.117
.383
.766
.20R
B
C
.140 Dia. 4 Holes
B
C
D E
.06R
.120 Dia.
6 Holes
.372R
G
.500
B
C
.120 Dia.
.14R
D E
.06R
G
.468
.120 Dia.
6 Holes
.120 Dia.
2 Holes
.14R
.06R
D E
B
C
.06R
.06R
.03R
Mtg. Hole
Style 9
F
.508
.156 Typ.
.312 Typ.
Polarizing Pin
A
E
B
F
C
G
D
A
XMRA & XMRE Series
RP /
51
www.winconn.com
Outline Shells - Plug
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com