Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 61 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 61 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 57Page - Winchester Electronics Corporation SLE Datasheet HTML 58Page - Winchester Electronics Corporation SLE Datasheet HTML 59Page - Winchester Electronics Corporation SLE Datasheet HTML 60Page - Winchester Electronics Corporation SLE Datasheet HTML 61Page - Winchester Electronics Corporation SLE Datasheet HTML 62Page - Winchester Electronics Corporation SLE Datasheet HTML 63Page - Winchester Electronics Corporation SLE Datasheet HTML 64Page - Winchester Electronics Corporation SLE Datasheet HTML 65Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 93 page
background image
Dip Solder:
.125" or .156" standard
lengths with other lengths
available on special order.
Grid Spacing: .100" x .100" grid
50 or 74 contact positions on
.100" centers in 3 rows. Two
outboard rows for 25
contacts each. Center row
either for 24 additional
contacts or polarizing pins in
specified positions.
Solder Cup:
Accommodates up to #22
AWG stranded wire.
Crimp
Removable:
Crimp contacts available for
#20 through #30 AWG
stranded wire. Designed for
four indent crimp. See crimp
tooling.
Available in 50 contact configuration only.
Choice of any combination of 24, center
positions. Specify polarizing positions
required. Positions top to bottom are: A, B, C,
D, E, F, H, J, K, L, M, N, P, R, S, T, U, V, W, X,
Y, Z, a.b.
When 74 contacts are required no polarization
other than hardware polarization is available.
Current Rating: 5.0 amps.
Pin Contacts: .030" dia. gold plated brass
conforming to specification
QQ-B-626.
Socket
Contacts:
Gold plated phosphor bronze.
Termination
Types:
Solder cup, dip solder and
crimp removable contacts.
Housing
Material:
Red diallyl phthalate for Dip
Solder and Solder Cup
Housings. Green diallyl
phthalate for Crimp Remov-
able Housings
Dielectric:
Minimum withstanding voltage is
one minute electrification at
1200 VAC.
Polarization:
Polarizing pins may be used in
any combination in center row.
Jackscrews:
Passivated stainless steel,
anodized aluminum knobs.
Hoods:
Anodized aluminum, top
opening only.
Automatic Crimping Machine:
Cat. No. 107-0952.
Hand Crimping Tool:
Cat. No. 107-0616.
Locator:
Cat. No. 107-0617.
Contact Removal Tool:
Cat. No. 107-1012.
Contact Insertion Tool:
Cat. No. 107-1011.
42 Series
Panel Mount Miniature 22 AWG - .030" Diameter - 5 Amps
RP /
61
www.winconn.com
Termination Types
Polarization
Specifications
Crimp Tooling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com