Electronic Components Datasheet Search
  English  ▼

X  

SLE Datasheet(PDF) 67 Page - Winchester Electronics Corporation

Part # SLE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SLE Datasheet(HTML) 67 Page - Winchester Electronics Corporation

Back Button SLE Datasheet HTML 63Page - Winchester Electronics Corporation SLE Datasheet HTML 64Page - Winchester Electronics Corporation SLE Datasheet HTML 65Page - Winchester Electronics Corporation SLE Datasheet HTML 66Page - Winchester Electronics Corporation SLE Datasheet HTML 67Page - Winchester Electronics Corporation SLE Datasheet HTML 68Page - Winchester Electronics Corporation SLE Datasheet HTML 69Page - Winchester Electronics Corporation SLE Datasheet HTML 70Page - Winchester Electronics Corporation SLE Datasheet HTML 71Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 93 page
background image
OR
Mating connector half with Hood and
turnable Long Jackscrews-with-Knobs
Code designation C-0300, C-0400
Connector with fixed Jack-
screws Code designation F
AND
Mating connector half with turnable
Jackscrews-with-Knobs Code
designation M
Jackscrew locking device assures positive
coupling of engaged connectors to prevent
accidental disconnecting from vibration or
physical shock. It also aids easy connection
and separation of connector plug and
receptacle. Mounted connector-half houses
one non-turnable fixed jackscrew and
jacksocket to insure connector polarization.
Mating-half houses one of the two types of
turning jackscrew and jacksocket (M or C)
Turnable jackscrew-jacksocket combination
(M or C) assembles on either Plug or
Receptacle, the mating connector-half (either
Receptacle or Plug) must then contain fixed
jackscrew-jacksocket combination (F).
Both short and long turning jackscrews
(M and C) have knurled and slotted knobs for
locking by hand or screwdriver. Knob is
assembled on shaft with a socket setscrew.
Safety wiring of engaged halves is achieved
by using the through-holes.
Drawings show extension of standard knobs
beyond hood.
Standard
Connec-
tor Size
Short
Fixed
Turning
Jacks
0300 0300X Code “M” Code “F”
AB
E
F
SRM 5
–
–
.92
.53
SRM 7
–
1.28
.92
.53
SRM 11
–
1.84
.92
.53
SRM 14
–
1.84
.92
.53
SRM 20
–
2.09
.92
.53
SRM 26
.56
2.09
.92
.53
SRM 34
.56
2.09
.92
.53
SRM 50
.56
2.09
.92
.53
SRM 75
.56
2.23
1.06
.67
SRM 104 .56
2.80
1.06
.67
Note: Jackscrews and jacksockets are
stainless steel with passivating dip.
Knob is anodized aluminum.
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
Mating thread size 2-56
UNC except size 104
which is 6-32 UNC.
Jacksocket
F
Jacksocket
E
.58
B
Set Screw
Hood
.11
A
.13
Long Turning
Code “C”
TYPE
Code Letter
Jackscrew
Jacksocket
Fixed
F
Jackscrew
Short
Jacksocket Turnable
M
Jackscrew
Long
Jacksocket Turnable
C
Knob
Standard
—
SRM Series
RP /
67
www.winconn.com
OUTLINE JACKSCREWS & JACKSOCKETS
Dimensions
Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com