Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  AD82088 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
1/84
2x20W Stereo / 1x40W Mono Digital Audio Amplifier
With 30 bands EQ and DRC Functions
Features
 Supply voltage
3.3V for digital circuit
8V~26V for loudspeaker driver
 Supports 2.0CH/Mono configuration
 Loudspeaker output power@12V for stereo
7W x 2CH into 8
Ω <1% THD+N
10W x 2CH into 4
Ω <1% THD+N
 Loudspeaker output power@18V for stereo
15W x 2CH into 8
Ω <1% THD+N
 Loudspeaker output power@24V for stereo
20W x 2CH into 8
Ω <1% THD+N
 16/18/20/24-bits input with I
2S, Left-alignment
and Right-alignment data format
 Multiple sampling frequencies (Fs)
32kHz / 44.1kHz / 48kHz and
64kHz / 88.2kHz / 96kHz and
128kHz / 176.4kHz / 192kHz
 System clock = 64x, 128x, 192x, 256x, 384x,
512x, 576x, 768x, 1024x Fs
MCLK system:
64x~1024x Fs for 32kHz / 44.1kHz / 48kHz
64x~512x Fs for 64kHz / 88.2kHz / 96kHz
64x~256x Fs for 128kHz / 176.4kHz / 192kHz
BCLK system:
64xFs for 32kHz / 44.1kHz / 48kHz
64xFs for 64kHz / 88.2kHz / 96kHz
64xFs for 128kHz / 176.4kHz / 192kHz
 Sound processing including:
30 bands parametric speaker EQ
Volume control (+24dB~-103dB, 0.125dB/step)
Dynamic range control
Three Band plus post Dynamic range control
Power Clipping
Programmed 3D surround sound
Channel mixing
Noise gate with hysteresis window
Bass/Treble tone control
DC-blocking high-pass filter
Pre-scale/post-scale
 Supports I
2C control without clock
 I
2C control interface with selectable device
address
 I
2S output with selectable Audio DSP point
 Support hardware and software reset
 Internal PLL
 Anti-pop design
 Level meter and power meter
 LV Under-voltage shutdown and HV Under-voltage
detection
 Over voltage protection
 Short circuit and over-temperature protection
Applications
 TV audio
Description
AD82088 is a digital audio amplifier capable of
driving 20W (BTL) each to a pair of 8
Ω load speaker
and 40W (PBTL) to a 4
Ω load speaker operating at
24V
supply
without
external
heat-sink
or
fan
requirement with play music. AD82088 provides
advanced audio processing functions, such as volume
control, 30 EQ bands, audio mixing, 3D surround
sound and Dynamic Range Control (DRC). These are
fully programmable via a simple I
2C control interface.
Robust protection circuits are provided to protect
AD82088 from damage due to accidental erroneous
operating condition. The full digital circuit design of
AD82088 is more tolerant to noise and PVT (Process,
Voltage, and Temperature) variation than the analog
class-AB or class-D audio amplifier
counterpart
implemented by analog circuit design. AD82088 is pop
free during instantaneous power on/off or mute/shut
down switching because of its robust built-in anti-pop
circuit.


Similar Part No. - AD82088

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8208 AD-AD8208 Datasheet
335Kb / 16P
High Voltage, Precision Difference Amplifier
REV. A
AD8208 AD-AD8208 Datasheet
344Kb / 20P
High Voltage, Precision Difference Amplifier
Rev. C
AD8208WBRMZ AD-AD8208WBRMZ Datasheet
335Kb / 16P
High Voltage, Precision Difference Amplifier
REV. A
AD8208WBRMZ AD-AD8208WBRMZ Datasheet
344Kb / 20P
High Voltage, Precision Difference Amplifier
Rev. C
AD8208WBRMZ-R7 AD-AD8208WBRMZ-R7 Datasheet
335Kb / 16P
High Voltage, Precision Difference Amplifier
REV. A
More results

Similar Description - AD82088

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2121 ISSI-IS31AP2121 Datasheet
684Kb / 37P
2X20W STEREO / 1X 40W MONO DIGITAL AUDIO AMPLIFIER
logo
Texas Instruments
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
logo
Integrated Silicon Solu...
IS31AP2121-LQLS1 ISSI-IS31AP2121-LQLS1 Datasheet
708Kb / 41P
2횞25W STEREO / 1횞 50W MONO DIGITAL AUDIO AMPLIFIER WITH 20 BANDS EQ FUNCTIONS, DRC AND 2.1CH MODE
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Elite Semiconductor Mem...
AD87588 ESMT-AD87588 Datasheet
1Mb / 3P
2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 20 Bands EQ Functions Capless Line Driver
Revision: 1.0 Feb. 2015
AD82584 ESMT-AD82584 Datasheet
208Kb / 3P
2x20W Stereo / 1x 40W Mono Digital Audio Amplifier With 20 bands EQ Functions, DRC and 2.1CH Mode
Revision: 0.3
AD82584D ESMT-AD82584D Datasheet
949Kb / 56P
2x25W Stereo / 1x 50W Mono Digital Audio Amplifier With 16 bands EQ Functions, DRC
Revision: 1.6
AD82587D ESMT-AD82587D Datasheet
764Kb / 45P
2X20W Stereo / 1X40W Mono Digital Audio Amplifier
Revision: 1.6
AD83586B ESMT-AD83586B Datasheet
1Mb / 62P
2x40W Stereo / 1x 80W Mono / 2x20W1x40W 2.1CH Digital Audio Amplifier with 20 Bands EQ
Revision: 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com