Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 36 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 36 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 32Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 33Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 34Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 35Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 36Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 37Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 38Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 39Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 40Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
36/84
Detail Description for Register
Note that the highlighted columns are default values of these tables. If there is no highlighted value, the default
setting of this bit is determined by the external pin.
 Address 0X00 : State control 1
AD82088 supports multiple serial data input formats including I
2S, Left-alignment and Right-alignment.
These formats are selected by user via bit7~bit5 of address 0X00. The left/right channels can be exchanged
to each other by programming to address 0/bit0, LREXC.
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
B[7:5]
IF[2:0]
Input Format
000
I
2S 16-24 bits
001
Left-alignment 16-24 bits
010
Right-alignment 16 bits
011
Right-alignment 18 bits
100
Right-alignment 20 bits
101
Right-alignment 24 bits
B[4]
Reserved
B[3]
PWML_X
LA/LB exchange
0
No exchanged
1
L/R exchanged
B[2]
PWMR_X
RA/RB exchange
0
L/R exchanged
1
No exchanged
B[1]
LV_UVSEL
LV under voltage
selection
0
2.9V
1
2.7V
B[0]
LREXC
Left/Right (L/R)
Channel exchanged
0
No exchanged
1
L/R exchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com