Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  AD82088 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
2/84
Pin Assignment
SDATA
BCLK
SCL
SDA
LRCIN
VDDL
VDDR
GNDL
LA
LB
1
2
3
4
5
6
7
24
23
22
21
20
19
18
8
9
10
11
12
17
16
15
14
13
DGND
SDATAO
DVDD
GVDD
GNDR
RA
VREG
RB
E-TSSOP-24L
PD
AD82088
BST_LA
BST_LB
BST_RA
BST_RB
ERROR
PBTL
NC
NC
NC
RESET
1
2
3
4
5
6
7
8
9
DVDD
DGND
VDDL
LA
RB
AD82088
E-LQFP 48L
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
NC
AGND
VREG
GVDD
BST_RB
VDDR
VDDR
VDDL
BST_LA
NC
NC
CLK_OUT
NC
TEST
PBTL
NC
NC
NC
RESET
1
2
3
4
5
6
7
8
9
DVDD
DGND
VDDL
LA
RB
AD82088-01
E-LQFP 48L
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
NC
AGND
VREG
GVDD
BST_RB
VDDR
VDDR
VDDL
BST_LA
NC
NC
CLK_OUT
NC
SDATAO
Pin Description (E-LQFP 48L)
PIN
NAME
TYPE DESCRIPTION
CHARACTERISTICS
1
LA
O
Left channel output A.
2
VDDL
P
Left channel supply.
3
VDDL
P
Left channel supply.
4
BST_LA
P
Bootstrap supply for left channel output A.
5
NC
Not connected.
6
NC
Not connected.
7
CLK_OUT
I/O
PLL ratio setting pin during power up, this
pin is monitored on the rising edge of reset.
PMF register will be default set at 1 or 16
times PLL ratio.
TTL output buffer, internal pull Low
with a 100Kohm resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com