Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 48 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 48 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 44Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 45Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 46Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 47Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 48Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 49Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 50Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 51Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 52Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
48/84
 Address 0X1B : State control 6
AD82088 can disable HV under voltage detection via bit 7.
AD82088 support multi-level HV under voltage detection via bit2~ bit0, using this function, AD82088 will
fade out signal to avoid pop sounds if high voltage supply disappear before low voltage supply.
AD82088 can support one band, two band, and three band DRC selection via bit6~bit5.
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
B[7]
DIS_HVUV
Disable HV under
voltage selection
0
Enable
1
Disable
B[6:5]
DRC_SEL
DRC mode selection
00
One band DRC
01
Two band DRC
1X
Three band DRC
B[4:3]
Reserved
B[2:0]
HV_UV SEL
UV detection level
000
4V
001
7.2V
010
9.7 V
011
13.2V
100
15.5 V
101
19.5 V
Others
7.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com