Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 6 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 6 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
6/84
resistor.
22
SDATA
I
Serial audio data input.
Schmitt trigger TTL input buffer
23
SDA
I/O
I
2C bi-directional serial data.
Schmitt trigger TTL input buffer
24
SCL
I
I
2C serial clock input.
Schmitt trigger TTL input buffer
25
RESET
I
Reset, low active.
Schmitt trigger TTL input buffer,
internal pull High with a 330Kohm
resistor.
26
SDATAO
O
Serial audio data output.
Schmitt trigger TTL input buffer
27
DVDD
P
Digital Power.
28
DGND
P
Digital Ground.
29
NC
Not connected.
30
AGND
P
Analog Ground.
31
VREG
O
1.8V Regulator voltage output.
32
GVDD
O
5V Regulator voltage output. This pin must
not be used to drive external devices.
33
BST_RB
P
Bootstrap supply for right channel output B.
34
VDDR
P
Right channel supply.
35
VDDR
P
Right channel supply.
36
RB
O
Right channel output B.
37
GNDR
P
Right channel ground.
38
GNDR
P
Right channel ground.
39
RA
O
Right channel output A.
40
NC
Not connected.
41
NC
Not connected.
42
BST_RA
P
Bootstrap supply for right channel output A.
43
BST_LB
P
Bootstrap supply for left channel output B.
44
NC
Not connected.
45
NC
Not connected.
46
LB
O
Left channel output B.
47
GNDL
P
Left channel ground.
48
GNDL
P
Left channel ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com