Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 32 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 32 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 28Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 29Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 30Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 31Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 32Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 33Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 34Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 35Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 36Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
32/84
Three bands DRC
I2S
PLL
LRCIN
BCLK
SDATA
MCLK
ASRC
L
R
PreScal
PreScal
EQ1
EQ1
EQ2
EQ2
EQ11
EQ12
EQ11
EQ12
Power
Stage
2
2
FIR
FIR
SDM
PWM
SDM
PWM
S/H2
M11
M12
M21
M22
LCH
RCH
S/H2
ASRC
Clipping1
Clipping1
HPFdc
HPFdc
RA
RB
LA
LB
RCH
HPF
LPF
Volume 2
Volume 4
DRC 1
DRC 2
Volume 6
DRC 3
DRC 4
DRC 4
APF
LCH
HPF
LPF
Volume 1
Volume 3
DRC 1
DRC 2
Volume 5
DRC 3
APF
PostScal
PostScal
Address
Name
B[7]
B[6]
B[5]
B[4]
B[3]
B[2]
B[1]
B[0]
0X00
SCTL1
IF[2]
IF[1]
IF[0]
Reserved
PWML_X
PWMR_X
LV_UVSEL
LREXC
0X01
SCTL2
BCLK_SEL
FS[1]
FS[0]
Reserved
PMF[3]
PMF[2]
PMF[1]
PMF[0]
0X02
SCTL3
EN_CLK_OUT
MUTE
CM1
CM2
CM3
CM4
CM5
CM6
0X03
MVOL
MV[7]
MV[6]
MV[5]
MV[4]
MV[3]
MV[2]
MV[1]
MV[0]
0X04
C1VOL
C1V[7]
C1V[6]
C1V[5]
C1V[4]
C1V[3]
C1V[2]
C1V[1]
C1V[0]
0X05
C2VOL
C2V[7]
C2V[6]
C2V[5]
C2V[4]
C2V[3]
C2V[2]
C2V[1]
C2V[0]
0X06
C3VOL
C3V[7]
C3V[6]
C3V[5]
C3V[4]
C3V[3]
C3V[2]
C3V[1]
C3V[0]
0X07
C4VOL
C4V[7]
C4V[6]
C4V[5]
C4V[4]
C4V[3]
C4V[2]
C4V[1]
C4V[0]
0X08
C5VOL
C5V[7]
C5V[6]
C5V[5]
C5V[4]
C5V[3]
C5V[2]
C5V[1]
C5V[0]
0X09
C6VOL
C6V[7]
C6V[6]
C6V[5]
C6V[4]
C6V[3]
C6V[2]
C6V[1]
C6V[0]
0X0A
BTONE
Reserved
BTC[4]
BTC[3]
BTC[2]
BTC[1]
BTC[0]
0X0B
TTONE
Reserved
TTC[4]
TTC[3]
TTC[2]
TTC[1]
TTC[0]
0X0C
SCTL4
SRBP
BTE
DEQE
NGE
EQL
PSL
DSPB
HPB
0X0D
C1CFG
Reserved
C1PCBP
C1DRCBP
Reserved
C1VBP
0X0E
C2CFG
Reserved
C2PCBP
C2DRCBP
Reserved
C2VBP
0X0F
C3CFG
Reserved
C3DRCBP
Reserved
C3VBP
0X10
C4CFG
Reserved
C4DRCBP
Reserved
C4VBP
0X11
C5CFG
Reserved
C5DRCBP
Reserved
C5VBP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com