Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 37 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 37 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 33Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 34Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 35Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 36Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 37Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 38Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 39Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 40Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 41Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
37/84
 Address 0X01 : State control 2
AD82088 has a built-in PLL and supports multiple MCLK/Fs or BCLK/Fs ratios.
If BCLK_SEL is high, the ratio is changed to BCLK/FS ratios.
On the contrary, the ratio is changed to MCLK/FS ratios.
Detail setting is shown in the following table.
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
B[7]
BCLK_SEL
MCLK-less
(BCLK system)
0
Disable
1
Enable
B[6:5]
FS[1:0]
Sampling Frequency
00
32/44.1/48kHz
01
64/88.2/96kHz
1x
128/176.4/192kHz
B[4]
Reserved
Multiple MCLK/FS or BCLK/FS ratio setting table
BIT
NAME
DESCRIPTION VALUE
B[6:5]=00
B[6:5]=01
B[6:5]=1x
B[3:0]
PMF[3:0]
MCLK/Fs or
BCLK/Fs
Setup
0000
1024x
512x
256x
0001
Reset Default
(64x)
Reset Default
(64x)
Reset Default
(64x)
0010
128x
128x
128x
0011
192x
192x
192x
0100
256x
256x
256x
0101
384x
384x
Reserved
0110
512x
512x
0111
576x
Reserved
1000
768x
1001
1024x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com