Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 13 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 13 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
13/84
Electrical Characteristics and Specifications for Loudspeaker
 BTL (Bridge-Tied-Load) output for Stereo
Condition: TA=25
oC, DVDD=3.3V, VDDL=VDDR=24V, F
S=48kHz, Load=8 with passive LC lowpass filter
(L=15
μ H with R
DC=63mΩ , C=220nF); Input is 1kHz sinewave. Volume is 0dB unless otherwise specified.
Symbol
Parameter
Condition
Input Level Min
Typ
Max Units
PO
(Note 9)
RMS Output Power (THD+N=0.12%)
20
W
RMS Output Power (THD+N=0.10%)
15
W
RMS Output Power (THD+N=0.08%)
10
W
THD+N
Total Harmonic Distortion + Noise
PO=7.5W
0.07
%
SNR
Signal to Noise Ratio (Note 8)
Maximum power
at THD < 1%
@1kHz
106
dB
DR
Dynamic Range (Note 8)
-60dB
108
dB
Vn
Output Noise (Note 8)
20Hz to 20kHz
100
uV
PSRR
Power Supply Rejection Ratio
VRIPPLE=1VRMS at
1kHz
-73
dB
Channel Separation
1W @1kHz
-72
dB
Note 8: Measured with A-weighting filter.
Note 9: Thermal dissipation is limited by package type and PCB design. The external heat-sink or system
cooling method should be adopted for maximum power output.
Total Harmonic Distortion + Noise vs. Output Power (BTL)
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
1m
100
2m
5m
10m
20m
50m
100m 200m
500m
1
2
5
10
20
50
Output Power (W)
24V, 8Ω
Stereo
20Hz
1kHz
10kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com