Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 30 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 30 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 26Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 27Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 28Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 29Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 30Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 31Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 32Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 33Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 34Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
30/84
I
2C-Bus Transfer Protocol
 Introduction
AD82088 employs I
2C-bus transfer protocol. Two wires, serial data and serial clock carry information
between the devices connected to the bus. Each device is recognized by a unique 7-bit address and can
operate as either a transmitter or a receiver. The master device initiates a data transfer and provides the
serial clock on the bus. AD82088 is always an I
2C slave device.
 Protocol
START and STOP condition
START is identified by a high to low transition of the SDA signal. A START condition must precede
any command for data transfer. A STOP is identified by a low to high transition of the SDA signal. A
STOP condition terminates communication between AD82088 and the master device on the bus. In
both START and STOP, the SCL is stable in the high state.
Data validity
The SDA signal must be stable during the high period of the clock. The high or low change of SDA only
occurs when SCL signal is low. AD82088 samples the SDA signal at the rising edge of SCL signal.
Device addressing
The master generates 7-bit address to recognize slave devices. When AD82088 receives 7-bit
address matched with 0110000 or 0110001 (
ERROR pin state during power up), AD82088 will
acknowledge at the 9
th bit (the 8th bit is for R/W bit). The bytes following the device identification
address are for AD82088 internal sub-addresses.
Data transferring
Each byte of SDA signaling must consist of 8 consecutive bits, and the byte is followed by an
acknowledge bit. Data is transferred with MSB first, as shown in the figure below. In both write and
read operations, AD82088 supports both single-byte and multi-byte transfers. Refer to the figure
below for detailed data-transferring protocol.
R/W
ACK
DEV_ADDR
SUB_ADDR
STOP
DATAIN
START
ACK
ACK
START
DEV_ADDR
SUB_ADDR
DEV_ADDR
DATAIN
STOP
R/W
ACK
ACK
NO
ACK
START
START
DEV_ADDR
SUB_ADDR
DEV_ADDR
DATAIN
STOP
R/W
ACK
ACK
ACK
START
R/W
R/W
DATAIN
NO
ACK
Byte
Write
Random
Address
Read
Sequential
Random
Read
START
DEV_ADDR
SUB_ADDR
DATAIN
DATAIN
STOP
R/W
ACK
ACK
ACK
ACK
Multi-Byte
Write
ACK
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com