Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 82 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 82 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 76Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 77Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 78Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 79Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 80Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 81Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 82Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 83Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 84Page - Elite Semiconductor Memory Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
82/84
Package Dimensions
E-TSSOP 24L (173mil)
SIDE VIEW
L
PIN#1
MARK
E
E1
b
TOP VIEW
c
DETAIL A
A
A1
D
e
1
12
D2
E2
13
24
Exposed pad
Min
Max
Dimension in mm
A
1.00
1.20
Min
Max
A1
0.00
0.15
D2
3.95
4.75
b
0.19
0.30
E2
2.70
3.10
c
0.09
0.20
D
7.70
7.90
E
4.30
4.50
E1
6.30
6.50
e
L
0.45
0.75
0.65 BSC
Symbol
Dimension in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com