Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 72 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 72 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 68Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 69Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 70Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 71Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 72Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 73Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 74Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 75Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 76Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
72/84
 Noise Gate Attack Level
When both left and right signals have 2048 consecutive sample points less than the programmable noise
gate attack level, the audio signal will multiply noise gate gain, which can be set at x1/8, x1/4, x1/2, or zero if
the noise gate function is enabled. Noise gate attack level is defined by 24-bit representation and is stored in
RAM address 0X5E of RAM bank 0.
 Noise Gate Release Level
After entering the noise gating status, the noise gain will be removed whenever AD82088 receives any input
signal that is more than the noise gate release level. Noise gate release level is defined by 24-bit
representation and is stored in RAM address 0X5F of RAM bank 0. The following table shows the noise gate
attack and release threshold level
’s numerical representation.
Sample calculation for noise gate attack and release level
Input amplitude
(dB)
Linear
Decimal
Hex
(1.23 format)
0
1
8388607
7FFFFF
-100
10
-5
83
53
-110
10
-5.5
26
1A
x
L=10
(x/20)
D=8388607xL
H=dec2hex(D)
 DRC Energy Coefficient
x2[n]
DRC_EC
Z-1
xrms[n]
1-DRC_EC
The above figure illustrates the digital processing of calculating RMS signal power. In this processing, a DRC
energy coefficient is required, which can be programmed for different frequency range. Four sets of energy
coefficients are provided and used for respective DRC. Energy coefficient is defined by 24-bit representation
and is stored in RAM address 0X60, 0X61, 0X62, and 0X63 of RAM bank 0. The following table shows the DRC
energy coefficient numerical representation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com