Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 55 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 55 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 51Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 52Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 53Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 54Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 55Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 56Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 57Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 58Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 59Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
55/84
Address 0X35
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
B[7:6]
C4V_FT
Channel 4 Volume Fine
Tune
00
0dB
01
-0.125dB
10
-0.25dB
11
-0.375dB
B[5:4]
C5V_FT
Channel 5 Volume Fine
Tune
00
0dB
01
-0.125dB
10
-0.25dB
11
-0.375dB
B[3:2]
C6V_FT
Channel 6 Volume Fine
Tune
00
0dB
01
-0.125dB
10
-0.25dB
11
-0.375dB
B[1:0]
Reserved
 Address 0X37 : Device number and Version number
Device number and version number are the ID for the device.
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
B[7:4]
DN
Device number
0101
Identification code
B[3:0]
VN
Version number
0010
Identification code
 Address 0X42 : level meter clear
AD82088 has 8 set of level meter which hold the maximum absolute value.
Each level meter has its own level meter clear.
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
B[7]
C1_CLR
Clear CH1 level meter
0
No clear
1
Clear
B[6]
C2_CLR
Clear CH2 level meter
0
No clear
1
Clear
B[5]
C3_CLR
Clear CH3 level meter
0
No clear
1
Clear
B[4]
C4_CLR
Clear CH4 level meter
0
No clear
1
Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com