Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 41 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 41 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 37Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 38Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 39Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 40Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 41Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 42Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 43Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 44Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 45Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
41/84
 Address 0X07 : Channel 4 volume
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
BIT[7:0]
C4V[7:0]
Channel 4 Volume
00000000
+12.0dB
00000001
+11.5dB
︰
︰
00010100
+2dB
︰
︰
00011000
0.0dB
00011001
-0.5dB
︰
︰
11100110
-103.0dB
11100111
-∞dB
︰
︰
11111111
-∞dB
 Address 0X08 : Channel 5 volume
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
BIT[7:0]
C5V[7:0]
Channel 5 Volume
00000000
+12.0dB
00000001
+11.5dB
︰
︰
00010100
+2dB
︰
︰
00011000
0.0dB
00011001
-0.5dB
︰
︰
11100110
-103.0dB
11100111
-∞dB
︰
︰
11111111
-∞dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com