Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 83 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 83 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 76Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 77Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 78Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 79Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 80Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 81Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 82Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 83Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 84Page - Elite Semiconductor Memory Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 83 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
83/84
Revision History
Revision
Date
Description
0.1
2017.12.08
Original.
1.0
2017.12.21
Remove” Preliminary” to V1.0,and add tape reel order
information
1.1
2018.01.17
New add description of ESD in Absolute Maximum
Ratings.
1.2
2018.02.13
1. Add symbol of RDS(ON) in General Electrical
Characteristics.
2. Remove bead in Application Circuit Example for
Mono
1.3
2018.05.25
1) Add output pin to GND AMR voltage.
2) Update application circuit for Stereo.
3) Add Po vs. Supply voltage curve.
4) Update Power on sequence.
5) Update The user defined RAM.
1.4
2019.01.30
1) Add 01-E-LQPF-48 in Pin Assignment, Pin
Description, Ordering Information and Marking
Information.
2) Modify Package Dimensions of E-TSSOP 24L.
1.5
2019.05.28
1) Modify Max Value of IQ(LV) in General Electrical
Characteristics.
2) Modify Default Value of Address 0X1B B[7].
1.6
2019.06.20
1) Update Power On Sequence.
2) Update The Table of Address 0x1B.
1.7
2019.09.18
1) Modify Minimum Value of Junction Operating
Temperature in Absolute Maximum Ratings (AMR).
2) Modify Default Value of Channel-2 Postscale.
1.8
2019.11.13
1) Modify CHARACTERISTICS of PBTL, MCLK,
BCLK and LRCIN.
2) Modify the Formula of Tfade-in / Tfade-out.
1.9
2020.01.02
1) Modify Illustration of System Clock Timing.
2) Modify Illustration of Mixer.
2.0
2020.04.28
Modify Power on Sequence.
2.1
2021.05.24
Modify Power on Sequence.
2.2
2021.08.19
Modify E-TSSOP 24L (173mil) package Dimensions
D2 min value
2.3
2021.09.07
Add Efficiency (Stereo, BTL) during Power Saving
Mode for 4ohm and Efficiency (Stereo, BTL) without
Power Saving Mode for 4ohm
2.4
2022.10.03
Modify Power off Sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com