Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 33 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 33 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 29Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 30Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 31Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 32Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 33Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 34Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 35Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 36Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 37Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
33/84
0X12
C6CFG
Reserved
C6DRCBP
Reserved
C6VBP
0X13
C7CFG
Reserved
C7DRCBP
Reserved
Reserved
0X14
C8CFG
Reserved
C8DRCBP
Reserved
Reserved
0X15
LAR1
LA1[3]
LA1[2]
LA1[1]
LA1[0]
LR1[3]
LR1[2]
LR1[1]
LR1[0]
0X16
LAR2
LA2[3]
LA2[2]
LA2[1]
LA2[0]
LR2[3]
LR2[2]
LR2[1]
LR2[0]
0X17
LAR3
LA3[3]
LA3[2]
LA3[1]
LA3[0]
LR3[3]
LR3[2]
LR3[1]
LR3[0]
0X18
LAR4
LA4[3]
LA4[2]
LA4[1]
LA4[0]
LR4[3]
LR4[2]
LR4[1]
LR4[0]
0X19
ERDLY
Prohibited
0X1A
SCTL5
Reserved
MONO_EN
SW_RSTB
LVUV_FADE
Reserved
DIS_MCLK_DET
QT_EN
PWM_SEL
0X1B
SCTL6
DIS_HVUV
DRC_SEL[1]
DRC_SEL[0]
Reserved
HV_UVSEL [2]
HV_UVSEL [1] HV_UVSEL [0]
0X1C
SCTL7
Reserved
A_SEL_FAULT
D_MOD
DIS_NG_FADE
QD_EN
FADE_SPEED
NG_GAIN[1]
NG_GAIN[0]
0X1D
CFADDR
CFA[7]
CFA[6]
CFA[5]
CFA[4]
CFA[3]
CFA[2]
CFA[1]
CFA[0]
0X1E
A1CF1
C1B[23]
C1B[22]
C1B[21]
C1B[20]
C1B[19]
C1B[18]
C1B[17]
C1B[16]
0X1F
A1CF2
C1B[15]
C1B[14]
C1B[13]
C1B[12]
C1B[11]
C1B[10]
C1B[9]
C1B[8]
0X20
A1CF3
C1B[7]
C1B[6]
C1B[5]
C1B[4]
C1B[3]
C1B[2]
C1B[1]
C1B[0]
0X21
A2CF1
C2B[23]
C2B[22]
C2B[21]
C2B[20]
C2B[19]
C2B[18]
C2B[17]
C2B[16]
0X22
A2CF2
C2B[15]
C2B[14]
C2B[13]
C2B[12]
C2B[11]
C2B[10]
C2B[9]
C2B[8]
0X23
A2CF3
C2B[7]
C2B[6]
C2B[5]
C2B[4]
C2B[3]
C2B[2]
C2B[1]
C2B[0]
0X24
B1CF1
C3B[23]
C3B[22]
C3B[21]
C3B[20]
C3B[19]
C3B[18]
C3B[17]
C3B[16]
0X25
B1CF2
C3B[15]
C3B[14]
C3B[13]
C3B[12]
C3B[11]
C3B[10]
C3B[9]
C3B[8]
0X26
B1CF3
C3B[7]
C3B[6]
C3B[5]
C3B[4]
C3B[3]
C3B[2]
C3B[1]
C3B[0]
0X27
B2CF1
C4B[23]
C4B[22]
C4B[21]
C4B[20]
C4B[19]
C4B[18]
C4B[17]
C4B[16]
0X28
B2CF2
C4B[15]
C4B[14]
C4B[13]
C4B[12]
C4B[11]
C4B[10]
C4B[9]
C4B[8]
0X29
B2CF3
C4B[7]
C4B[6]
C4B[5]
C4B[4]
C4B[3]
C4B[2]
C4B[1]
C4B[0]
0X2A
A0CF1
C5B[23]
C5B[22]
C5B[21]
C5B[20]
C5B[19]
C5B[18]
C5B[17]
C5B[16]
0X2B
A0CF2
C5B[15]
C5B[14]
C5B[13]
C5B[12]
C5B[11]
C5B[10]
C5B[9]
C5B[8]
0X2C
A0CF3
C5B[7]
C5B[6]
C5B[5]
C5B[4]
C5B[3]
C5B[2]
C5B[1]
C5B[0]
0X2D
CFRW
Reserved
RBS
R3
W3
RA
R1
WA
W1
0X2E
PRS
Prohibited
0X2F
MBIST
Prohibited
0X30
Reserved
Reserved
0X31
PWM_CTRL
Prohibited
0X32
TM_CTRL
Prohibited
0X33
QT_SW_LEVEL
SW_LEVEL [2]
SW_LEVEL [1]
SW_LEVEL [0]
QT_SW_LEVEL [4]
QT_SW_LEVEL [3]
QT_SW_LEVEL [2]
QT_SW_LEVEL [1]
QT_SW_LEVEL [0]
0X34
VFT1
MV_FT[1]
MV_FT[0]
C1V_FT[1]
C1V_FT[0]
C2V_FT[1]
C2V_FT[0]
C3V_FT[1]
C3V_FT[0]
0X35
VFT2
C4V_FT[1]
C4V_FT[0]
C5V_FT[1]
C5V_FT[0]
C6V_FT[1]
C6V_FT[0]
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com