Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 70 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 70 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 66Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 67Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 68Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 69Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 70Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 71Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 72Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 73Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 74Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
70/84
 Pre-scale
For each audio channel, AD82088 can scale input signal level prior to EQ processing which is realized by a
24-bit signed fractional multiplier. The pre-scale factor, ranging from -1 (0x800000) to 0.9999998808
(0x7FFFFF), for this multiplier, can be loaded into RAM. The default values of the pre-scaling factors are set
to 0x7FFFFF. Programming of RAM is described in RAM access.
 Post-scale
The AD82088 provides an additional multiplication after equalizing and before interpolation stage, which is
realized by a 24-bit signed fractional multiplier. The post-scaling factor, ranging from -1 (0x800000) to
0.9999998808 (0x7FFFFF), for this multiplier, can be loaded into RAM. The default values of the
post-scaling factors are set to 0x7FFFFF. All channels can use the channel-1 post-scale factor by setting the
post-scale link. Programming of RAM is described in RAM access.
 Power Clipping
The AD82088 provides power clipping function to avoid excessive signal that may destroy loud speaker. 3.
The power clipping level is defined by 24-bit representation and is stored in RAM address 0X55 of RAM
bank 0. The following table shows the power clipping level
’s numerical representation.
Sample calculation for power clipping
Max
amplitude
dB
Linear
Decimal
Hex
(3.21 format)
PVDD
0
1
2097152
200000
PVDD*0.707
-3
0.707
1482686
169FBE
PVDD*0.5
-6
0.5
1048576
100000
PVDD*L
x
L=10
(x/20)
D=2097152xL
H=dec2hex(D)
 Attack threshold
The AD82088 provides DRC function. When the input RMS exceeds the programmable attack threshold
value, the output power will be limited by this threshold power level via gradual gain reduction. Four sets of
DRC are provided. DRC1 is used for high frequency path in three bands DRC and used for L/R channel in
one band DRC. DRC2 is used for low frequency path in three bands DRC. DRC3 is used for band pass
frequency path in three bands DRC. DRC4 is used for the post DRC.
Attack threshold is defined by 24-bit presentation and is stored in RAM address 0X56, 0X58, 0X5A, 0X5C of
RAM bank 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com