Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 68 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 68 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 64Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 65Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 66Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 67Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 68Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 69Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 70Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 71Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 72Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
68/84
 User-defined equalizer
The AD82088 provides 30 parametric Equalizer (EQ). User can program suitable coefficients via I
2C control
interface to program the required audio band frequency response for every EQ. The transfer function
The data format of 2
’s complement binary code for EQ coefficient is 3.21. i.e., 3-bits for integer (MSB is the
sign bit) and 21-bits for mantissa. Each coefficient range is from 0x800000 (-4) to 0x7FFFFF
(+3.999999523). These coefficients are stored in User Defined RAM and are referenced in following
manner:
Where x and y represents the number of channel and the band number of EQ biquard.
All user-defined filters are path-through, where all coefficients are defaulted to 0 after being powered up,
except the A0 that is set to 0x200000 which represents 1.
 EQ arrangement
AD82088 provide 15 EQ per channel.
When, register with address-0X0C, bit-5, DEQE is set to high, the EQ-7, EQ-8, EQ9, and EQ10 will use
another filter coefficient stored in used defined RAM 0X68~0X7B.
When, register with address-0X0C, bit-6, BTE is set to high, the EQ-11 and EQ-12 will perform as bass and
treble respectively.
When three bands DRC enable, EQ-13, EQ-14, and EQ-15 will perform as APF, LPF, and HPF respectively.
2
2
1
1
2
2
1
1
0
1
)
(
z
B
z
B
z
A
z
A
A
z
H
2
2
1
1
2
2
1
1
0
0
B
CHxEQyB
B
CHxEQyB
A
CHxEQyA
A
CHxEQyA
A
CHxEQyA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com