Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 65 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 65 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 61Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 62Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 63Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 64Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 65Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 66Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 67Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 68Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 69Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
65/84
 Address 0X86 : Protection latch register
The protection latch registers will show what kind of protection ever occurred.
Using the protection clear registers can clear the corresponding protection latch registers.
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
B[7]
A_OCP_N_CLEAR
OCP latch clear register
0
No clear
1
Clear
B[6]
A_OTP_N_CLEAR
OTP latch clear register
0
No clear
1
Clear
B[5]
A_UV_N_CLEAR
UV latch clear register
0
No clear
1
Clear
B[4]
A_BSUV_CLEAR
BSUV latch clear register
0
No clear
1
Clear
B[3]
A_BSOV_CLEAR
BSOV latch clear register
0
No clear
1
Clear
B[2]
A_CKERR_CLEAR
CKERR latch clear
register
0
No clear
1
Clear
B[1]
A_OVP_CLEAR
OVP latch clear register
0
No clear
1
Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com