Electronic Components Datasheet Search
  English  ▼

X  

AD82088 Datasheet(PDF) 38 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 38 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 34Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 35Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 36Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 37Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 38Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 39Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 40Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 41Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 42Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
38/84
 Address 0X02 : State control 3
AD82088 has mute function including master mute and channel mute.
In one band DRC, master, channel 1, and channel 2 mute will active.
When master mute is enabled, all 2 processing channels are muted. User can mute these 2 channels
individually by channel mute. When the mute function is enabled or disabled, the fade-out or fade-in process
will be initiated.
In three bands DRC, master, channel 1 to channel 6 mute will active.
When master mute is enabled, all 6 processing channels are muted. User can mute these 6 channels
individually by channel mute. When the mute function is enabled or disabled, the fade-out or fade-in process
will be initiated.
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
B[7]
EN_CLK_
OUT
PLL Clock Output
0
Disabled
1
Enabled
B[6]
MMUTE
Master Mute
0
All channel not muted
1
All channel muted
B[5]
CM1
Channel 1 Mute
0
Ch1 not muted
1
Only Ch1 muted
B[4]
CM2
Channel 2 Mute
0
Ch2 not muted
1
Only Ch2 muted
B[3]
CM3
Channel 3 Mute
0
Ch3 not muted
1
Only Ch3 muted
B[2]
CM4
Channel 4 Mute
0
Ch4 not muted
1
Only Ch4 muted
B[1]
CM5
Channel 5 Mute
0
Ch5 not muted
1
Only Ch5 muted
B[0]
CM6
Channel 6 Mute
0
Ch6 not muted
1
Only Ch6 muted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com