Electronic Components Datasheet Search
  English  ▼

X  

PM4354-PI Datasheet(PDF) 19 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 19 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 15Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 16Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 17Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 18Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 19Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 20Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 21Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 22Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 23Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
4
•
Provides line outputs that are current limited and may be tristated for protection or in redundant
applications.
•
Provides a digital phase locked loop for generation of a low jitter transmit clock complying with all jitter
attenuation, jitter transfer and residual jitter specifications of AT&T TR 62411 and ETSI TBR 12 and
TBR 13.
•
Provides a FIFO buffer for jitter attenuation and rate conversion in the transmit path.
•
Provides a two-frame payload slip buffer to allow independent backplane and line timing.
•
A pseudo-random sequence user selectable from 2
11 –1, 215 –1 or220 –1, may be inserted into or
detected from the T1 or E1 stream in either the backplane receive or backplane transmit directions.
•
Transmits G.704 basic and CRC-4 multiframe formatted E1 signals or D4, SF or ESF formatted
DSX/DS-1 signals.
•
Transmits the “Japanese Yellow” alarm. Transmits TTC JT-G704 multiframe formatted J1 signals.
Supports the alternate ESF CRC-6 calculation for Japanese applications.
•
Supports unframed mode and framing bit, CRC, or data link by-pass.
•
Provides signaling insertion, programmable idle code substitution, digital milliwatt code substitution,
and data inversion on a per channel basis.
•
Provides trunk conditioning which forces programmable trouble code substitution and signaling
conditioning on all channels or on selected channels.
•
Provides minimum ones density through Bell (bit 7), GTE or DDS zero code suppression on a per
channel basis.
•
Detects violations of the ANSI T1.403 12.5% pulse density rule over a moving 192-bit window and
optionally stuffs ones to maintain minimum ones density.
•
Allows insertion of framed or unframed in-band loopback code sequences.
•
Allows insertion of a data link in ESF mode. Optionally inserts a datalink in the E1 national use bits.
•
Supports 4-bit codeword insertion in the E1 national use bits as specified in ETS 300 233
•
Inserts, from an H-MVIP bus, up to three HDLC links to support the D-channel for ISDN Primary Rate
Interfaces and the C-channels for V5.1/V5.2 interfaces.
•
Supports transmission of the alarm indication signal (AIS) and the Yellow alarm signal. Supports
“Japanese Yellow” alarm generation.
•
Provides ESF bit-oriented code generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com