Electronic Components Datasheet Search
  English  ▼

X  

PM4354-PI Datasheet(PDF) 63 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 63 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 59Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 60Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 61Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 62Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 63Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 64Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 65Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 66Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 67Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
48
consecutive intervals as defined by the period of the supplied transfer clock signal (typically 1
second). When the transfer clock signal is applied, the PMON transfers the counter values into
holding registers and resets the counters to begin accumulating events for the interval. The
counters are reset in such a manner that error events occurring during the reset are not missed.
If the holding registers are not read between successive transfer clocks, an OVR overrun register
bit is asserted.
Generation of the transfer clock within a quadrant is performed by writing to any counter register
location within the quadrant or by writing to the Revision/Chip ID/Quadrant PMON Update register.
The holding register addresses are contiguous to facilitate faster polling operations.
9.12 T1 Automatic Performance Report Generation (APRM)
In compliance with the ANSI T1.231, T1.403 and T1.408 standards, a performance report is
generated each second for T1 ESF applications. The report conforms to the HDLC protocol and
is inserted into the ESF facility data link.
The performance report can only be transmitted if the TDPR is configured to insert the ESF
Facility Data Link and the PREN bit of the TDPR Configuration register is logic 1. The
performance report takes precedence over incompletely written packets, but it does not pre-empt
packets already being transmitted.
See the Operation section for details on the performance report encoding.
9.13 T1 Alarm Integrator (ALMI)
The T1 Alarm Integration function is provided by the ALMI block. This block detects the presence
of Yellow, Red, and AIS Carrier Fail Alarms (CFA) in SF, or ESF formats. The alarm detection and
integration is compatible with the specifications defined in ANSI T1.403 and TR-TSY-000191.
The ALMI block declares the presence of Yellow alarm when the Yellow pattern has been received
for 425 ms (± 50 ms); the Yellow alarm is removed when the Yellow pattern has been absent for
425 ms (± 50 ms). The presence of Red alarm is declared when an out of frame condition has
been present for 2.55 sec (± 40 ms); the Red alarm is removed when the out of frame condition
has been absent for 16.6 sec (± 500 ms). The presence of AIS alarm is declared when an out of
frame condition and all-ones in the PCM data stream have been present for 1.5 sec (±100 ms);
the AIS alarm is removed when the AIS condition has been absent for 16.8 sec (±500 ms).
CFA alarm detection algorithms operate in the presence of a 10-3 bit error rate.
The ALMI also indicates the presence or absence of the Yellow, Red, and AIS alarm signal
conditions over 40 ms, 40 ms, and 60 ms intervals, respectively, allowing an external
microprocessor to integrate the alarm conditions via software with any user-specific algorithms.
Alarm indication is provided through internal register bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com