Electronic Components Datasheet Search
  English  ▼

X  

PM4354-PI Datasheet(PDF) 74 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 74 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 70Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 71Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 72Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 73Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 74Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 75Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 76Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 77Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 78Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
59
9.23 E1 Transmitter (E1-TRAN)
The E1 Transmitter (E1-TRAN) generates a 2048 kbit/s data stream according to ITU-T
recommendations, providing individual enables for frame generation, CRC multiframe generation,
and channel associated signaling (CAS) multiframe generation.
In concert with Transmit Per-Channel Serial Controller (TPSC), the E1-TRAN block provides per-
timeslot control of idle code substitution, data inversion, digital milliwatt substitution, selection of
the signaling source and CAS data. All timeslots can be forced into a trunk conditioning state (idle
code substitution and signaling substitution) by use of the master trunk conditioning bit in the
Configuration Register.
Common Channel Signaling (CCS) is supported in timeslot 16 through the Transmit Channel
Insertion (TXCI) block. Support is provided for the transmission of AIS and TS16 AIS, and the
transmission of remote alarm (RAI) and remote multiframe alarm signals.
The National Use bits (Sa-bits) can be sourced from the E1-TRAN National Bits Codeword
registers as 4-bit codewords aligned to the submultiframe. Alternatively, the Sa-bits may
individually carry data links sourced from the internal HDLC controller, or may be passed
transparently from the BTPCM[x] input.
9.24 T1 Inband Loopback Code Generator (XIBC)
The T1 Inband Loopback Code Generator (XIBC) block generates a stream of inband loopback
codes (IBC) to be inserted into a T1 data stream. The IBC stream consists of continuous
repetitions of a specific code and can be either framed or unframed. When the XIBC is enabled
to generate framed IBC, the framing bit overwrites the inband code pattern. The contents of the
code and its length are programmable from 3 to 8 bits. The XIBC interfaces directly to the T1-
XBAS Basic Transmitter block.
9.25 Pulse Density Enforcer (XPDE)
The Pulse Density Enforcer function is provided by the XPDE block. Pulse density enforcement is
enabled by a register bit within the XPDE.
This block monitors the digital output of the transmitter and detects when the stream is about to
violate the ANSI T1.403 12.5% pulse density rule over a moving 192-bit window. If a density
violation is detected, the block can be enabled to insert a logic 1 into the digital stream to ensure
the resultant output no longer violates the pulse density requirement. When the XPDE is disabled
from inserting logic 1s, the digital stream from the transmitter is passed through unaltered.
9.26 T1 Signaling Aligner (SIGA)
When enabled, the Signaling Aligner is positioned in the backplane transmit path before the T1-
XBAS. Its purpose is to ensure that, if the signaling on BTSIG[x] is changed in the middle of a
superframe, the T1-XBAS completes transmitting the signalling bits (the A,B,C, and D bits in ESF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com