Electronic Components Datasheet Search
  English  ▼

X  

PM4354-PI Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 93Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 94Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 95Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 96Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 97Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 98Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 99Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 100Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
82
Register 003H, 103H, 203H, 303H: Receive Line Interface Configuration
Bit
Type
Function
Default
Bit 7
R/W
AUTOYELLOW
0
Bit 6
R/W
AUTORED
0
Bit 5
R/W
AUTOOOF
0
Bit 4
R/W
AUTOAIS
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
BPV
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
Reserved
0
Reserved:
These bits must be a logic 0 for normal operation.
AUTOYELLOW:
In T1 mode, when the AUTOYELLOW bit is set to logic 1, whenever the alarm integrator
declares a Red alarm in the receive direction, Yellow alarm will be transmitted to the far end.
When AUTOYELLOW is set to logic 0, Yellow alarm will only be transmitted when the XYEL
bit is set in the T1-XBAS Alarm Transmit Register. Note that the Red alarm is not deasserted
on detection of AIS.
In E1 mode, when the AUTOYELLOW bit is set to logic 1, the RAI bit in the transmit stream is
set to a logic 1 for the duration of a loss of frame alignment or AIS. The G706ANNBRAI bit of
the Transmit Framing and Bypass Options register optionally also allows for the transmission
of RAI when CRC-to-non-CRC interworking has been established. When AUTOYELLOW is
set to logic 0, RAI will only be transmitted when the RAI bit is set in the E1-TRAN Transmit
Alarm/Diagnostic Control register.
AUTORED:
The AUTORED bit allows quadrant trunk conditioning to be applied to the receive data and
signaling streams, BRPCM[x] or MVBRD, and BRSIG[x] or CASBRD, immediately upon
declaration of Red carrier failure alarm. When AUTORED is set to logic 1, the data on
BRPCM[x] or MVBRD for each channel of the quadrant is replaced with the data contained in
the Data Trunk Conditioning registers within RPSC and the signaling on BRSIG[x] or
CASBRD for each channel of the quadrant is replaced with the signaling contained in the
Signaling Trunk Conditioning registers within the RPSC while Red CFA is declared. When
AUTORED is set to logic 0, the receive data and signaling is not automatically conditioned
when Red CFA is declared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com